Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3642IMS8E-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3642IMS8E-PBF
Description  High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3642IMS8E-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3642IMS8E-PBF Datasheet HTML 4Page - Linear Technology LTC3642IMS8E-PBF Datasheet HTML 5Page - Linear Technology LTC3642IMS8E-PBF Datasheet HTML 6Page - Linear Technology LTC3642IMS8E-PBF Datasheet HTML 7Page - Linear Technology LTC3642IMS8E-PBF Datasheet HTML 8Page - Linear Technology LTC3642IMS8E-PBF Datasheet HTML 9Page - Linear Technology LTC3642IMS8E-PBF Datasheet HTML 10Page - Linear Technology LTC3642IMS8E-PBF Datasheet HTML 11Page - Linear Technology LTC3642IMS8E-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3642
8
3642f
OPERATION
The LTC3642 is a step-down DC/DC converter with internal
power switches that uses Burst Mode control, combin-
ing low quiescent current with high switching frequency,
which results in high efficiency across a wide range of
load currents. Burst Mode operation functions by using
short “burst” cycles to ramp the inductor current through
the internal power switches, followed by a sleep cycle
where the power switches are off and the load current is
supplied by the output capacitor. During the sleep cycle,
the LTC3642 draws only 12μA of supply current. At light
loads, the burst cycles are a small percentage of the total
cycle time which minimizes the average supply current,
greatly improving efficiency.
Main Control Loop
The feedback comparator monitors the voltage on the VFB
pin and compares it to an internal 800mV reference. If
this voltage is greater than the reference, the comparator
activates a sleep mode in which the power switches and
current comparators are disabled, reducing the VIN pin
supply current to only 12μA. As the load current discharges
the output capacitor, the voltage on the VFB pin decreases.
When this voltage falls 5mV below the 800mV reference,
the feedback comparator trips and enables burst cycles.
At the beginning of the burst cycle, the internal high side
power switch (P-channel MOSFET) is turned on and the
inductor current begins to ramp up. The inductor current
increases until either the current exceeds the peak current
comparator threshold or the voltage on the VFB pin exceeds
800mV, at which time the high side power switch is turned
off. The low side power switch (N-channel MOSFET) is
then turned on. The inductor current ramps down until
the reverse current comparator trips, signaling that the
current is close to zero. If the voltage on the VFB pin is
still less than the 800mV reference, the high side power
switch is turned on again and another cycle commences.
The average current during a burst cycle will normally be
greater than the average load current. For this architecture,
the maximum average output current is equal to half of
the peak current.
The hysteretic nature of this control architecture results
in a switching frequency that is a function of the input
voltage, output voltage and inductor value. This behavior
provides inherent short-circuit protection. If the output
is shorted to ground, the inductor current will decay very
slowly during a single switching cycle. Since the high side
switch turns on only when the inductor current is near
zero, the LTC3642 inherently switches at a lower frequency
during start-up or short-circuit conditions.
Start-Up and Shutdown
If the voltage on the RUN pin is less than 0.7V, the LTC3642
enters a shutdown mode in which all internal circuitry is
disabled, reducing the DC supply current to 3μA. When the
voltage on the RUN pin exceeds 1.21V, normal operation of
the main control loop is enabled. The RUN pin comparator
has 110mV of internal hysteresis, and therefore must fall
below 1.1V to disable the main control loop.
The HYST pin provides an added degree of flexibility for
the RUN pin operation. This open-drain output is pulled
to ground whenever the RUN comparator is not tripped,
signaling that the LTC3642 is not in normal operation. In
applications where the RUN pin is used to monitor the
VIN voltage through an external resistive divider, the HYST
pin can be used to increase the effective RUN comparator
hysteresis.
An internal 1ms soft-start function limits the ramp rate of
the output voltage on start-up to prevent excessive input
supply droop. If a longer ramp time and consequently less
supply droop is desired, a capacitor can be placed from the
SS pin to ground. The 5μA current that is sourced out of
this pin will create a smooth voltage ramp on the capacitor.
If this ramp rate is slower than the internal 1ms soft-start,
then the output voltage will be limited by the ramp rate
(Refer to Block Diagram)


Similar Part No. - LTC3642IMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3642 LINER-LTC3642 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3642 LINER-LTC3642 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LTC3642 LINER-LTC3642 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3642 LINER-LTC3642 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LTC3642 LINER-LTC3642 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
More results

Similar Description - LTC3642IMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3632 LINER-LTC3632 Datasheet
469Kb / 22P
   High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
LTC3631 LINER-LTC3631 Datasheet
376Kb / 22P
   High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
LTC3707 LINER-LTC3707 Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3642 LINER-LTC3642_15 Datasheet
1Mb / 22P
   High Efficiency, High Voltage 50mA Synchronous Step-Down Converter
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com