Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3520EUF-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3520EUF-PBF
Description  Synchronous 1A Buck-Boost and 600mA Buck Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3520EUF-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3520EUF-PBF Datasheet HTML 7Page - Linear Technology LTC3520EUF-PBF Datasheet HTML 8Page - Linear Technology LTC3520EUF-PBF Datasheet HTML 9Page - Linear Technology LTC3520EUF-PBF Datasheet HTML 10Page - Linear Technology LTC3520EUF-PBF Datasheet HTML 11Page - Linear Technology LTC3520EUF-PBF Datasheet HTML 12Page - Linear Technology LTC3520EUF-PBF Datasheet HTML 13Page - Linear Technology LTC3520EUF-PBF Datasheet HTML 14Page - Linear Technology LTC3520EUF-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC3520
11
3520f
OPERATION
The LTC3520 combines a synchronous buck DC/DC
converter and a four-switch buck-boost DC/DC converter
in a single 4mm x 4mm QFN package. The buck-boost
converter utilizes a proprietary switching algorithm which
allows its output voltage to be regulated above, below, or
equal to the input voltage. The buck converter provides a
high efficiency lower voltage output and supports 100%
duty cycle operation to extend battery life. In Burst Mode
operation, the total quiescent current for both converters
is reduced to 55µA (typical). Both converters operate
synchronously from a common internal oscillator whose
frequency is programmed via an external resistor. In ad-
dition, the LTC3520 contains an uncommitted gain block
which can be configured as a comparator for low battery
detection or as a power-good indicator. Alternatively, the
gain block can be utilized in conjunction with an external
PNP to create an LDO, thereby allowing the LTC3520 to
generate a third low noise output voltage.
BUCK CONVERTER OPERATION
PWM Mode Operation
WhenthePWM2pinisheldhigh,theLTC3520buckconverter
uses a constant-frequency, current mode control architec-
ture. Both the main (P-channel MOSFET) and synchronous
rectifier (N-channel MOSFET) switches are internal. At
the start of each oscillator cycle, the P-channel switch is
turned on and remains on until the current waveform with
superimposed slope compensation ramp exceeds the error
amplifier output. At this point, the synchronous rectifier is
turned on and remains on until the inductor current falls to
zero or a new switching cycle is initiated. As a result, the
buck converter operates with discontinuous inductor cur-
rent at light loads which improves efficiency. At extremely
light loads, the minimum on-time of the main switch will
be reached and the buck converter will begin turning off for
multiple cycles in order to maintain regulation.
Burst Mode Operation
Burst Mode operation is enabled by either connecting
PWM2 to ground through a resistor, RBURST, or by shorting
PWM2 to ground. The buck converter will automatically
transition between PWM mode at high load current and
Burst Mode operation at light currents. Typical curves for
the Burst Mode entry threshold are provided in the Typical
Performance Characteristics section of this datasheet.
Under dropout and near dropout conditions, Burst Mode
operation will not be entered.
The value of RBURST controls the load current at which
Burst Mode operation will be entered. Larger resistor
values will cause Burst Mode operation to be entered at
lighter load currents. However, if the value of RBURST is
too large, then the buck converter will not enter Burst
Mode operation at any current, especially when operating
with VIN close to the buck output voltage. Conversely, if
RBURST is too small, the ripple in Burst Mode operation
may become objectionable, especially at high input volt-
ages. For most applications, choosing RBURST = 301k
represents a reasonable compromise.
The output voltage ripple in Burst Mode operation is de-
pendent upon the value of RBURST, the input voltage, the
output voltage, the inductor value and the output capaci-
tor. The Burst Mode operation output voltage ripple can
be reduced by increasing the size of the output capacitor,
increasing the value of the inductor or increasing the
value of RBURST.
Low Dropout Operation
As the input voltage decreases to a value approaching the
output regulation voltage, the duty cycle increases toward
the maximum on-time. Further reduction of the supply
voltage will force the power P-channel MOSFET switch
to remain on for more than one cycle until 100% duty
cycle operation is reached and the power switch remains
on continuously. In this dropout state, the output voltage
will be determined by the input voltage less the resistive
voltage drop across the main switch and series resistance
of the inductor.
Slope Compensation
Current mode control requires the use of slope compensa-
tion to prevent subharmonic oscillations in the inductor
current waveform at high duty cycle operation. This is ac-
complished internally on the LTC3520 through the addition
of a compensating ramp to the current sense signal. In
some current mode ICs, current limiting is performed by
clamping the error amplifier voltage to a fixed maximum.


Similar Part No. - LTC3520EUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
More results

Similar Description - LTC3520EUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3521 LINER-LTC3521_15 Datasheet
379Kb / 22P
   1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3521 LINER-LTC3521 Datasheet
1Mb / 20P
   Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
logo
ams AG
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com