Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GXV22030-17 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GXV22030-17
Description  SURGE VOLTAGE SUPPRESSORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GXV22030-17 Datasheet(HTML) 2 Page - Green Power Solutions srl

  GXV22030-17 Datasheet HTML 1Page - Green Power Solutions srl GXV22030-17 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURGE VOLTAGE SUPPRESSOR
GXV
dimensions mm
Document GXVT002
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet without
notice.
Typical behaviour of avalanche voltage vs Tj
(for type GXV22020-15 with tp = 15 µs)
-80
-40
0
40
80
120
1100
1200
1300
1400
1500
1600
1700
VR [V]
2 A
60 A
Max allowable current peak vs pulse width
1
10
100
1000
10000
1
10
100
1000
IR [A]
6
5
4
1
2
3
Product of max. admissible square wave power in
function of pulse width tp
(GXV22020 - GXV20050)
10
5
1
250k
0.1
5k
2.5k
1k
10k
50k
25k
100k
0.001
0.01
0.1
1
10
0
1
10
100
IRM*VM [kW]
frequency (hz)
Product of max. admissible square wave
power in function of pulse width tp
GXV24020 - GXV22030
0.001
0.01
0.1
1
10
0.1
1
10
100
IRM*VR [kW]
10
1
0.1
5
frequency (hz)


Similar Part No. - GXV22030-17

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
GXV600 SENSATA-GXV600 Datasheet
923Kb / 5P
   600 Amp 12-900 Vdc Contactor
GXV611 SENSATA-GXV611 Datasheet
927Kb / 5P
   600 Amp 12-900 Vdc Contactor
More results

Similar Description - GXV22030-17

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GSV22020-16 GPSEMI-GSV22020-16 Datasheet
861Kb / 2P
   SURGE VOLTAGE SUPPRESSORS
logo
Littelfuse
V3.5MLA0603 LITTELFUSE-V3.5MLA0603 Datasheet
254Kb / 11P
   Multilayer Transient Voltage Surge Suppressors
logo
Shenzhen Luguang Electr...
P0080SA LUGUANG-P0080SA Datasheet
1Mb / 6P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
   Thyristor Surge Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com