Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3499EDD Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3499EDD
Description  750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3499EDD Datasheet(HTML) 5 Page - Linear Technology

  LTC3499EDD Datasheet HTML 1Page - Linear Technology LTC3499EDD Datasheet HTML 2Page - Linear Technology LTC3499EDD Datasheet HTML 3Page - Linear Technology LTC3499EDD Datasheet HTML 4Page - Linear Technology LTC3499EDD Datasheet HTML 5Page - Linear Technology LTC3499EDD Datasheet HTML 6Page - Linear Technology LTC3499EDD Datasheet HTML 7Page - Linear Technology LTC3499EDD Datasheet HTML 8Page - Linear Technology LTC3499EDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3499/LTC3499B
5
3499f
Fixed Frequency Discontinous
Mode Operation
Soft-Start into 25
Ω Load
Load Transient 50mA to 200mA
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless noted.
Fixed Frequency Operation
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–50
1.0
1.1
1.2
1.3
1.4
–25
0
25
50
3499 G08
75
100
VIN and SW Reverse-Battery
Current vs VIN and SW Voltage
VOUT
50mV/DIV
20
µs/DIV
3499 G12
VIN = 2.4V
VOUT = 5V
L = 4.7
µH
COUT = 10µF
CFF = 10pF (FEEDFORWARD CAPACITOR FROM
VOUT TO FB)
IL
50mA/DIV
Burst Mode Operation
(LTC3499 Only)
VOUT
200mV/DIV
200
µs/DIV
3499 G13
VIN = 2.4V
VOUT = 5V
ILOAD = 50mA to 200mA
RZ = 100k
CF = 680pF
COUT = 10µF
L = 4.7
µH
ILOAD
100mA/DIV
200mA
50mA
VIN
2V/DIV
SS
2V/DIV
VOUT
2V/DIV
1ms/DIV
34991G15
VIN = 2.4V
VOUT = 5V
L = 4.7
µH
CSS = 0.01µF
COUT = 10µF
IL
200mA/DIV
VIN AND SW VOLTAGE (V)
–6
–1.0
0
–2
2
–4
0
4
3499 G11
6
–0.5
1.0
0.5
SHDN = 0V
VOUT = 0V
SW
2V/DIV
200ns/DIV
3499 G14
VIN = 2.4V
VOUT = 5V
L = 4.7
µH
IL
100mA/DIV
SW
2V/DIV
200ns/DIV
3499 G16
VIN = 2.4V
VOUT = 5V
L = 4.7
µH
IL
100mA/DIV
FB Voltage vs Temperature
TEMPERATURE (
°C)
–50
25
75
3499 G09
–25
0
50
1.2215
1.2210
1.2205
1.2200
1.2195
1.2190
1.2185
1.2220
1.2225
100


Similar Part No. - LTC3499EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3499 LINER-LTC3499 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499B LINER-LTC3499B Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499B LINER-LTC3499B_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499 LINER-LTC3499_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
More results

Similar Description - LTC3499EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3499 LINER-LTC3499_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499B LINER-LTC3499B_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
logo
Maxim Integrated Produc...
MAX1832 MAXIM-MAX1832_V01 Datasheet
1Mb / 14P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
MAX1832 MAXIM-MAX1832 Datasheet
511Kb / 12P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
19-1802; Rev 1; 10/03
logo
Linear Technology
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com