Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3459EDC-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3459EDC-PBF
Description  10V Micropower Synchronous Boost Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3459EDC-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3459EDC-PBF Datasheet HTML 4Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 5Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 6Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 7Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 8Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 9Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 10Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 11Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC3459
11
3459fc
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
DCB Package
6-Lead Plastic DFN (2mm
× 3mm)
(Reference LTC DWG # 05-08-1715)
S6 Package
6-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1636)
3.00
±0.10
(2 SIDES)
2.00
±0.10
(2 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (TBD)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
0.40
± 0.10
BOTTOM VIEW—EXPOSED PAD
1.65
± 0.10
(2 SIDES)
0.75
±0.05
R = 0.115
TYP
R = 0.05
TYP
1.35
±0.10
(2 SIDES)
1
3
6
4
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DCB6) DFN 0405
0.25
± 0.05
0.50 BSC
PIN 1 NOTCH
R0.20 OR 0.25
× 45° CHAMFER
0.25
± 0.05
1.35
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD
PITCH AND DIMENSIONS
1.65
±0.05
(2 SIDES)
2.15
±0.05
0.70
±0.05
3.55
±0.05
PACKAGE
OUTLINE
0.50 BSC
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.30 – 0.45
6 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S6 TSOT-23 0302 REV B
2.90 BSC
(NOTE 4)
0.95 BSC
1.90 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
PIN ONE ID
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF


Similar Part No. - LTC3459EDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3459EDC-PBF LINER-LTC3459EDC-PBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
More results

Similar Description - LTC3459EDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459 LINER-LTC3459_15 Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459 LINER-LTC3459 Datasheet
216Kb / 12P
   10V Micropower Synchronous Boost Converter in ThinSOT
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401_15 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com