Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3602EFE-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3602EFE-TRPBF
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602EFE-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3602EFE-TRPBF Datasheet HTML 1Page - Linear Technology LTC3602EFE-TRPBF Datasheet HTML 2Page - Linear Technology LTC3602EFE-TRPBF Datasheet HTML 3Page - Linear Technology LTC3602EFE-TRPBF Datasheet HTML 4Page - Linear Technology LTC3602EFE-TRPBF Datasheet HTML 5Page - Linear Technology LTC3602EFE-TRPBF Datasheet HTML 6Page - Linear Technology LTC3602EFE-TRPBF Datasheet HTML 7Page - Linear Technology LTC3602EFE-TRPBF Datasheet HTML 8Page - Linear Technology LTC3602EFE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3602
2
3602fb
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (PVIN)....................... –0.3V to 11V
SW (DC)...................................... –0.3V to (PVIN + 0.3V)
BOOST ................................. (VSW –0.3V) to (VSW + 6V)
RUN ........................................................... –0.3V to 11V
All Other Pins ............................................... –0.3V to 6V
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PVIN
Operating Voltage Range
4.5
10
V
VFB
Regulated Feedback Voltage
ITH = 0.7V (Note 3)
l
0.594
0.6
0.606
V
ΔVFB(LINEREG)
Feedback Voltage Line Regulation
VIN = 5V to 10V, ITH = 0.7V
0.005
%/V
ΔVFB(LOADREG)
Feedback Voltage Load Regulation
ITH = 0.36V to 0.84V
l
0.02
0.1
%
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
SYNC/MODE
PGOOD
RT
ITH
VFB
RUN
TRACK/SS
PGND
INTVCC
PVIN
BOOST
SW
SW
SW
PGND
PGND
17
TJMAX = 125°C, θJA = 38°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS SGND, MUST BE SOLDERED TO PCB
20 19 18 17 16
6
7
8
TOP VIEW
21
UF PACKAGE
20-LEAD (4mm
4mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
PVIN
PVIN
INTVCC
SYNC/MODE
PGOOD
PGND
PGND
PGND
PGND
TRACK/SS
TJMAX = 125°C, θJA = 37°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 21) IS SGND, MUST BE SOLDERED TO PCB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 8.4V unless otherwise specified.
Peak SW Sink and Source Current (Note 7) .............6.5A
Operating Temperature Range (Note 2)....–40°C to 85°C
Junction Temperature (Notes 5, 6)........................ 125°C
Lead Temperature
(Soldering, FE Package 10 seconds)................. 300°C
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3602EFE#PBF
LTC3602EFE#TRPBF
3602FE
16-Lead Plastic TSSOP
–40°C to 85°C
LTC3602IFE#PBF
LTC3602IFE#TRPBF
3602FE
16-Lead Plastic TSSOP
–40°C to 85°C
LTC3602EUF#PBF
LTC3602EUF#TRPBF
3602
20-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
LTC3602IUF#PBF
LTC3602IUF#TRPBF
3602
20-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION


Similar Part No. - LTC3602EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3602EFE LINER-LTC3602EFE Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3602EFE LINER-LTC3602EFE Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3602EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3602 LINER-LTC3602_15 Datasheet
230Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3602EUF LINER-LTC3602EUF Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3602IUF LINER-LTC3602IUF Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com