Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP5230 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP5230
Description  Photo Module for High Data Rates PCM Remote Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP5230 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP5230 Datasheet HTML 1Page - Vishay Siliconix TSOP5230 Datasheet HTML 2Page - Vishay Siliconix TSOP5230 Datasheet HTML 3Page - Vishay Siliconix TSOP5230 Datasheet HTML 4Page - Vishay Siliconix TSOP5230 Datasheet HTML 5Page - Vishay Siliconix TSOP5230 Datasheet HTML 6Page - Vishay Siliconix TSOP5230 Datasheet HTML 7Page - Vishay Siliconix TSOP5230 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TSOP52..
Vishay Telefunken
5 (8)
Rev. 1, 08-Mar-01
www.vishay.com
Document Number 82154
Ee
T
tpi *
t
* tpi w 10/fo is recommended for optimal function
VO
VOH
VOL
t
16110
Optical Test Signal
(IR diode TSAL6200, IF = 0.4 A, 30 pulses, f = f0, T = 10 ms)
Output Signal
td1 )
tpo2
)
1 ) 7/f0 < td < 15/f0
2 )
tpo = tpi " 6/f0
Figure 7. Output Function
Ee
t
VO
VOH
VOL
t
600
ms
600
ms
T = 60 ms
Ton
Toff
94 8134
Optical Test Signal
Output Signal, ( see Fig.10 )
Figure 8. Output Function
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
10
20
30
40
50
60
70
80
90
Burstlength [number of cycles/burst]
16156
f = 38 kHz
Figure 9. Max. Envelope Duty Cycle vs. Burstlength
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10.0
100.0
1000.0 10000.0
Ee – Irradiance (mW/m2)
96 12114
Ton
l = 950 nm,
optical test signal, fig.8
Toff
Figure 10. Output Pulse Diagram
750
850
950
1050
0
0.2
0.4
0.6
0.8
1.2
l – Wavelength ( nm )
1150
94 8408
1.0
Figure 11. Relative Spectral Sensitivity vs. Wavelength
16801
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
1.0
0.8
0.7
drel – Relative Transmission Distance
Figure 12. Directivity


Similar Part No. - TSOP5230

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP5038 VISHAY-TSOP5038 Datasheet
355Kb / 11P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 13-Aug-09
TSOP5038TR VISHAY-TSOP5038TR Datasheet
355Kb / 11P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 13-Aug-09
TSOP531 VISHAY-TSOP531 Datasheet
489Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP531 VISHAY-TSOP531 Datasheet
236Kb / 9P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP531.. VISHAY-TSOP531.. Datasheet
236Kb / 9P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
More results

Similar Description - TSOP5230

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com