Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP5230 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP5230
Description  Photo Module for High Data Rates PCM Remote Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP5230 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP5230 Datasheet HTML 1Page - Vishay Siliconix TSOP5230 Datasheet HTML 2Page - Vishay Siliconix TSOP5230 Datasheet HTML 3Page - Vishay Siliconix TSOP5230 Datasheet HTML 4Page - Vishay Siliconix TSOP5230 Datasheet HTML 5Page - Vishay Siliconix TSOP5230 Datasheet HTML 6Page - Vishay Siliconix TSOP5230 Datasheet HTML 7Page - Vishay Siliconix TSOP5230 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSOP52..
Vishay Telefunken
1 (8)
Rev. 1, 08-Mar-01
www.vishay.com
Document Number 82154
Photo Module for High Data Rates PCM Remote Control
Systems
Available types for different carrier frequencies
Type
fo
Type
fo
TSOP5230
30 kHz
TSOP5233
33 kHz
TSOP5236
36 kHz
TSOP5237
36.7 kHz
TSOP5238
38 kHz
TSOP5240
40 kHz
TSOP5256
56 kHz
Description
The TSOP52.. – series are miniaturized SMD–IR
Receiver Modules for infrared remote control systems.
PIN diode and preamplifier are assembled on lead
frame, the epoxy package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. TSOP52.. is the
standard IR remote control SMD–Receiver series,
supporting all major transmission codes.
16797
Features
D Photo detector and preamplifier in one package
D Internal filter for PCM frequency
D Continuous data transmission possible
D TTL and CMOS compatibility
D Output active low
D Low power consumption
D High immunity against ambient light
D Suitable burst length ≥10 cycles/burst
D Taping available for topview and sideview
assembly
Block Diagram
16798
PIN
Input
AGC
Control
Circuit
Band
Pass
Demodu-
lator
30 k
W
4
3
1
VS
OUT
GND


Similar Part No. - TSOP5230

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP5038 VISHAY-TSOP5038 Datasheet
355Kb / 11P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 13-Aug-09
TSOP5038TR VISHAY-TSOP5038TR Datasheet
355Kb / 11P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 13-Aug-09
TSOP531 VISHAY-TSOP531 Datasheet
489Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP531 VISHAY-TSOP531 Datasheet
236Kb / 9P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP531.. VISHAY-TSOP531.. Datasheet
236Kb / 9P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
More results

Similar Description - TSOP5230

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com