Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3586 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3586
Description  High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3586 Datasheet HTML 5Page - Linear Technology LTC3586 Datasheet HTML 6Page - Linear Technology LTC3586 Datasheet HTML 7Page - Linear Technology LTC3586 Datasheet HTML 8Page - Linear Technology LTC3586 Datasheet HTML 9Page - Linear Technology LTC3586 Datasheet HTML 10Page - Linear Technology LTC3586 Datasheet HTML 11Page - Linear Technology LTC3586 Datasheet HTML 12Page - Linear Technology LTC3586 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC3586/LTC3586-1
9
3586fa
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Regulators 1, 2 Pulse-
Skip Mode Quiescent Currents
TEMPERATURE (°C)
–40
275
300
325
60
3586 G22
250
225
200
1.85
1.90
1.95
1.80
1.75
1.70
–15
10
35
85
VOUT1,2 = 2.5V
(CONSTANT FREQUENCY)
VOUT1,2 = 1.25V
(PULSE SKIPPING)
VIN1,2 = 3.8V
Switching Regulators 1, 2
Pulse-Skip Mode Efficiency
Switching Regulators 1, 2
Burst Mode Efficiency
Switching Regulators 1, 2 Load
Regulation at VOUT1, 2 = 1.2V
Switching Regulators 1, 2 Load
Regulation at VOUT1, 2 = 1.8V
Switching Regulators 1, 2 Load
Regulation at VOUT1, 2 = 2.5V
OUTPUT CURRENT (mA)
1
40
50
60
70
80
10
100
1000
3586 G23
30
20
10
0
90
100
VOUT1,2 = 2.5V
VOUT1,2 = 1.2V
VOUT1,2 = 1.8V
VIN1,2 = 3.8V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3586 G24
0
1
VOUT1,2 = 2.5V
VOUT1,2 = 1.2V
VOUT1,2 = 1.8V
VIN1,2 = 3.8V
OUTPUT CURRENT (mA)
1.185
1.200
1.215
1.230
0.1
10
100
1000
3586 G25
1.170
1
VBUS = 3.8V
Burst Mode
OPERATION
PULSE-SKIP
MODE
OUTPUT CURRENT (mA)
1.778
1.800
1.823
1.845
0.1
10
100
1000
3586 G26
1.755
1
VBUS = 3.8V
Burst Mode OPERATION
PULSE-SKIP MODE
OUTPUT CURRENT (mA)
2.47
2.50
2.53
2.56
0.1
10
100
1000
3586 G27
2.44
1
VBUS = 3.8V
Burst Mode OPERATION
PULSE-SKIP MODE
ILOAD (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3586 G28
0
1
VOUT3 = 3.3V
TYPE 3 COMPENSATION
Burst Mode
OPERATION
CURVES
PWM MODE
CURVES
VIN3 = 3V
VIN3 = 3.6V
VIN3 = 4.5V
VIN3 = 3V
VIN3 = 3.6V
VIN3 = 4.5V
TEMPERATURE (°C)
–55
0
0.05
0.15
0.20
0.25
–15
25
45
125
3586 G29
0.10
–35
5
65
85 105
0.30
0.10
0.15
0.25
0.30
0.35
0.20
0.40
PMOS VIN3 = 3V
PMOS VIN3 = 3.6V
PMOS VIN3 = 4.5V
NMOS VIN3 = 3V
NMOS VIN3 = 3.6V
NMOS VIN3 = 4.5V
TEMPERATURE (°C)
–55
2300
2350
2450
2500
2550
–15
25
45
125
3586 G30
2400
–35
5
65
85 105
2600
VIN3 = 3V
VIN3 = 3.6V
VIN3 = 4.5V
Buck-Boost Regulator Forward
Current Limit
Buck-Boost Regulator Efficiency
vs ILOAD
RDS(ON) For Buck-Boost Regulator
(TA = 25°C unless otherwise noted)


Similar Part No. - LTC3586

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3586 LINER-LTC3586 Datasheet
570Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3586 LINER-LTC3586 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3586 LINER-LTC3586 Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
LTC3586 LINER-LTC3586 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
logo
Analog Devices
LTC3586 AD-LTC3586 Datasheet
1Mb / 30P
   Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators with I2C
08/21 Rev. A
More results

Similar Description - LTC3586

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3586 LINER-LTC3586_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-1 LINER-LTC3586-1_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-3 LINER-LTC3586-3_15 Datasheet
699Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTC3567 LINER-LTC3567_15 Datasheet
281Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3567 LINER-LTC3567 Datasheet
273Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3785-1 LINER-LTC3785-1_15 Datasheet
224Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
LTC3785-1 LINER-LTC3785-1 Datasheet
240Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com