Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3576EUFE-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3576EUFE-TRPBF
Description  Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3576EUFE-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3576EUFE-TRPBF Datasheet HTML 1Page - Linear Technology LTC3576EUFE-TRPBF Datasheet HTML 2Page - Linear Technology LTC3576EUFE-TRPBF Datasheet HTML 3Page - Linear Technology LTC3576EUFE-TRPBF Datasheet HTML 4Page - Linear Technology LTC3576EUFE-TRPBF Datasheet HTML 5Page - Linear Technology LTC3576EUFE-TRPBF Datasheet HTML 6Page - Linear Technology LTC3576EUFE-TRPBF Datasheet HTML 7Page - Linear Technology LTC3576EUFE-TRPBF Datasheet HTML 8Page - Linear Technology LTC3576EUFE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
LTC3576/LTC3576-1
3
3576f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, DVCC = 3.3V, RCLPROG = 3.01k, unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
hCLPROG
(Note 4)
Ratio of Measured VBUS Current to
CLPROG Program Current
1x Mode
5x Mode
10x Mode
Low Power Suspend Mode
High Power Suspend Mode
210
1160
2200
9.6
56
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
IVOUT(POWERPATH) VOUT Current Available Before
Discharging Battery
1x Mode, BAT = 3.3V
5x Mode, BAT = 3.3V
10x Mode, BAT = 3.3V
Low Power Suspend Mode
High Power Suspend Mode
0.26
1.6
121
667
1217
0.31
2
0.41
2.4
mA
mA
mA
mA
mA
VCLPROG
CLPROG Servo Voltage in Current Limit
Switching Modes
Suspend Modes
1.18
100
V
mV
VUVLO
VBUS Undervoltage Lockout
Rising Threshold
Falling Threshold
3.95
4.30
4.00
4.35
V
V
VDUVLO
VBUS to BAT Differential Undervoltage
Lockout
Rising Threshold
Falling Threshold
200
50
mV
mV
VOUT
VOUT Voltage
1x, 5x, 10x Modes, 0V < BAT < 4.2V,
IVOUT = 0mA, Battery Charger Off
USB Suspend Modes, IVOUT = 250μA
3.4
4.5
BAT + 0.3
4.6
4.7
4.7
V
V
fOSC
Switching Frequency
1.8
2.25
2.7
MHz
RPMOS_
POWERPATH
PMOS On-Resistance
0.18
Ω
RNMOS_
POWERPATH
NMOS On-Resistance
0.30
Ω
IPEAK_POWERPATH Peak Inductor Current Limit
1x Mode (Note 5)
5x Mode (Note 5)
10x Mode (Note 5)
1
2
3
A
A
A
RSUSP
Suspend LDO Output Resistance
Closed Loop
10
Ω
PowerPath Switching Regulator—Step-Up Mode (USB On-the-Go)
VBUS
Output Voltage
0mA ≤ IVBUS ≤ 500mA, VOUT > 3.2V
4.75
5.25
V
VOUT
Input Voltage
2.9
5.5
V
IVBUS
Output Current Limit
VBUS Leakage Current in Shutdown
On-the-Go Disabled, VBUS < UVLO
l
550
–150
680
0
150
mA
nA
IPEAK
Peak Inductor Current Limit
(Note 5)
1.8
A
IOTGQ
VOUT Quiescent Current
VOUT = 3.8V, IVBUS = 0mA (Note 6)
1.38
mA
VCLPROG
Output Current Limit Servo Voltage
1.15
V
VOUT(UVLO)
VOUT UVLO—VOUT Falling
VOUT UVLO—VOUT Rising
2.5
2.6
2.8
2.9
V
V
tSCFAULT
Short-Circuit Fault Delay
VBUS < 4V and PMOS Switch Off
7.2
ms
Bat-Track Switching Regulator Control
VWALL
Absolute WALL Input Threshold
Rising Threshold
Hysteresis
4.2
4.3
1.1
4.4
V
V
ΔVWALL
Differential WALL Input Threshold
WALL-BAT Falling
Hysteresis
030
60
45
mV
mV
VOUT
Regulation Target Under VC Control
3.55
BAT + 0.3
V
IWALLQ
WALL Quiescent Current
100
μA
RACPR
ACPR Pull-Down Strength
100
Ω
VHACPR
ACPR High Voltage
VOUT
V
VLACPR
ACPR Low Voltage
0V


Similar Part No. - LTC3576EUFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3576EUFE-1 LINER-LTC3576EUFE-1 Datasheet
1Mb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
More results

Similar Description - LTC3576EUFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3576 LINER-LTC3576_15 Datasheet
593Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC3576-1 LINER-LTC3576-1_15 Datasheet
593Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC4160 LINER-LTC4160_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160 LINER-LTC4160 Datasheet
352Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTC3576EUFE-1 LINER-LTC3576EUFE-1 Datasheet
1Mb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
LTC3576EUFE LINER-LTC3576EUFE Datasheet
443Kb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com