Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3569IUD-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3569IUD-PBF
Description  Triple Buck Regulator With 1.2A and Two 600mA Outputs and Individual Programmable References
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3569IUD-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3569IUD-PBF Datasheet HTML 1Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 2Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 3Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 4Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 5Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 6Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 7Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 8Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC3569
3
3569f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise noted (Notes 2, 7).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SVIN
Input Supply Voltage
l
2.5
5.5
V
IVIN
Input Current Pulse Skip Mode
Input Current Burst Mode Operation
EN1 = SVIN, EN2, EN3 = 0, IOUT1, = 0A,
FB1 = 0.9V (Note 3)
230
47
365
82
μA
μA
IQX
Additional Input Current per Buck,
Pulse Skip
Burst Mode Operation
(Note 3) VFB = 0.9V
140
22
225
36
μA
IQSHDN
Quiescent Current at SGND Pin in Shutdown
Mode
EN1, EN2, EN3 = 0V
VSW1 = VSW2 = VSW3 = 0V
0.1
1
μA
IPK1
Peak Inductor Current SW1
1.8
2.0
2.5
A
IPK2, IPK3
Peak Inductor Current SW2, SW3
0.780
1.0
1.3
A
VFBX(MAX)
Maximum Feedback Voltage
l
0.784
0.8
0.816
V
VFBX(STEP)
Feedback Reference Step Size
Each Toggle on ENx
25
mV
VFBX(MIN)
Minimum Feedback Voltage
ENx Toggle 15 Times
l
0.405
0.425
0.44
V
VPROGFBX
Feedback Programming Range
0.425
0.8
V
IFBX
Feedback Pin Input Current
VFB = 0.8V
l
±0.2
μA
ILKSWX
Switch Pin Leakage Current
VSWX = 0V or SVIN, VENX = SVIN,
VFBX = 0.9V
±1
μA
DX
Maximum Duty Cycle
FBx = 0V
100
%
RP1
RDSON of PSW for SW1
ISW1 = 100mA (Note 5)
195
RN1
RDSON of NSW for SW1
ISW1 = –100mA (Note 5)
180
RP2, RP3
RDSON of PSW for SW2, SW3
ISW2, ISW3 = 100mA (Note 5)
265
RN2, RN3
RDSON of NSW for SW2, SW3
ISW2, ISW3 = –100mA (Note 5)
250
RSWx_PD
SWx Pull-Down in Shutdown
ENx = 0V, VSWX = 1.2V,
(FBx < SVIN )
2.3
ΔVLINEREG
Reference Voltage Line Regulation
SVIN = 2.5V to 5.5V
0.04
0.2
%/V
ΔVLOADREG
Output Voltage Load Regulation
Pulse Skip Mode (Note 4)
0.5
%
tSS
Soft Start Reference Ramp Rate
0.75
V/ms
tEN
Enable Turn-On Delay
From Last ENx Rise to Begin of Soft
Start Ramp
125
240
μs
tOFF
Enable Turn-Off Delay
From ENx Fall to Shutdown
170
330
μs
tPW
Enable Pulse Width
0.06
55
μs
IENX
Enable Leakage Current
VENX = 3.6V
0.02
μA
IMODE
Mode Leakage Current
VMODE = 3.6V
0.02
μA
VIL
Input Low Voltage
MODE, ENx
0.4
V
VIH
Input High Voltage
MODE, ENx
1.2
V
TMODEPW
Pulse Width Applied to MODE Pin for
Synchronizing
100
ns


Similar Part No. - LTC3569IUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3569 LINER-LTC3569 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3569 LINER-LTC3569 Datasheet
395Kb / 26P
   Triple Buck Regulator with 1.2A and Two 600mA Outputs and Individual Programmable References
LTC3569 LINER-LTC3569_15 Datasheet
395Kb / 26P
   Triple Buck Regulator with 1.2A and Two 600mA Outputs and Individual Programmable References
More results

Similar Description - LTC3569IUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3569 LINER-LTC3569_15 Datasheet
395Kb / 26P
   Triple Buck Regulator with 1.2A and Two 600mA Outputs and Individual Programmable References
logo
Analog Devices
ADP5135 AD-ADP5135 Datasheet
782Kb / 24P
   Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
Rev. 0
logo
Maxim Integrated Produc...
MAX20075 MAXIM-MAX20075 Datasheet
947Kb / 16P
   36V, 600mA/1.2A Mini Buck Converter
Rev 10; 8/19
logo
Texas Instruments
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Renesas Technology Corp
ISL6455 RENESAS-ISL6455 Datasheet
663Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Intersil Corporation
ISL6413 INTERSIL-ISL6413 Datasheet
380Kb / 12P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Renesas Technology Corp
ISL6413 RENESAS-ISL6413 Datasheet
640Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Intersil Corporation
ISL6415 INTERSIL-ISL6415 Datasheet
117Kb / 2P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com