Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3565IDD-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3565IDD-TRPBF
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3565IDD-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3565IDD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 9Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 10Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 11Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 12Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 13Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3565
10
3565f
APPLICATIONS INFORMATION
A general LTC3565 application circuit is shown in
Figure 4. External component selection is driven by the load
requirement, and begins with the selection of the inductor
L1. Once L1 is chosen, CIN and COUT can be selected.
Operating Frequency
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing internal gate charge losses but requires larger
inductance values and/or capacitance to maintain low
output ripple voltage.
The operating frequency, fO, of the LTC3565 is determined
by an external resistor that is connected between the RT
pin and ground. The value of the resistor sets the ramp
current that is used to charge and discharge an internal
timing capacitor within the oscillator and can be calculated
by using the following equation:
RT = 1.21 × 106 (fO)–1.2674 (kΩ)
where RT is in kΩ and fO is in kHz or can be selected
using Figure 1.
The maximum usable operating frequency is limited by
the minimum on-time and the duty cycle. This can be
calculated as:
f
O(MAX) ≈ 6.67 •
V
OUT
V
IN(MAX)
(MHz)
The minimum frequency is limited by leakage and noise
coupling due to the large resistance of RT.
Inductor Selection
The operating frequency, fO, has a direct effect on the
inductor value, which in turn influences the inductor ripple
current, ΔIL:
IL =
VOUT
fO • L
•1
VOUT
VIN
The inductor ripple current decreases with larger induc-
tance or frequency, and increases with higher VIN or VOUT.
Accepting larger values of ΔIL allows the use of lower
inductances, but results in higher output ripple voltage,
greater core loss and lower output capability.
A reasonable starting point for setting ripple current is
ΔIL = 0.4 • IOUT(MAX), where IOUT(MAX) is 1.25A. The largest
ripple current ΔIL occurs at the maximum input voltage. To
guarantee that the ripple current stays below a specified
maximum, the inductor value should be chosen according
to the following equation:
L
=
VOUT
fO • IL
•1
VOUT
VIN(MAX)
The inductor value will also have an effect on Burst Mode
operation. The transition from low current operation
begins when the peak inductor current falls below a level
set by the burst clamp. Lower inductor values result in
higher ripple current which causes this to occur at lower
load currents. This causes a dip in efficiency in the upper
range of low current operation. In Burst Mode operation,
lower inductance values will cause the burst frequency
to increase.
Figure 1. Frequency vs RT
Inductor Core Selection
Different core materials and shapes will change the
size/current and price/current relationship of an induc-
tor. Toroid or shielded pot cores in ferrite or permalloy
materials are small and don’t radiate much energy, but
generally cost more than powdered iron core inductors
with similar electrical characteristics. The choice of which
style inductor to use often depends more on the price vs
size requirements and any radiated field/EMI requirements
than on what the LTC3565 requires to operate. Table 1
RT (kΩ)
0
0
500
1500
2000
2500
5000
4500
3565 F01
1000
100
200
300
400
600
500
3000
3500
4000
TA = 25°C


Similar Part No. - LTC3565IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3565IDD LINER-LTC3565IDD Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565IDDPBF LINER-LTC3565IDDPBF Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565IDDTRPBF LINER-LTC3565IDDTRPBF Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3565IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_15 Datasheet
812Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A_15 Datasheet
1Mb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com