Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3564ES5-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3564ES5-TRPBF
Description  2.25MHz, 1.25A Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3564ES5-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3564ES5-TRPBF Datasheet HTML 7Page - Linear Technology LTC3564ES5-TRPBF Datasheet HTML 8Page - Linear Technology LTC3564ES5-TRPBF Datasheet HTML 9Page - Linear Technology LTC3564ES5-TRPBF Datasheet HTML 10Page - Linear Technology LTC3564ES5-TRPBF Datasheet HTML 11Page - Linear Technology LTC3564ES5-TRPBF Datasheet HTML 12Page - Linear Technology LTC3564ES5-TRPBF Datasheet HTML 13Page - Linear Technology LTC3564ES5-TRPBF Datasheet HTML 14Page - Linear Technology LTC3564ES5-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC3564
3564f
Output Voltage Programming
In the adjustable version, the output voltage is set by a
resistive divider according to the following formula:
VV
R
R
OUT =+
⎝⎜
⎠⎟
06
1
2
1
.
(2)
The external resistive divider is connected to the output,
allowing remote voltage sensing as shown in Figure 2.
1. The VIN quiescent current is due to two components:
the DC bias current as given in the electrical character-
istics and the internal main switch and synchronous
switch gate charge currents. The gate charge current
results from switching the gate capacitance of the
internal power MOSFET switches. Each time the gate is
switched from high to low to high again, a packet of
charge, dQ, moves from VIN to ground. The resulting
dQ/dt is the current out of VINthat is typically larger than
the DC bias current. In continuous mode, IGATECHG =
f(QT + QB) where QT and QB are the gate charges of the
internal top and bottom switches. Both the DC bias and
gate charge losses are proportional to VIN and thus
their effects will be more pronounced at higher supply
voltages.
2. I2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor RL. In
continuous mode, the average output current flowing
through inductor L is “chopped” between the main
switch and the synchronous switch. Thus, the series
resistance looking into the SW pin is a function of both
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses in LTC3564 circuits: VIN quiescent current and I2R
losses. The VIN quiescent current loss dominates the
efficiency loss at very low load currents whereas the I2R
loss dominates the efficiency loss at medium to high load
currents. In a typical efficiency plot, the efficiency curve at
very low load currents can be misleading since the actual
power lost is of no consequence as illustrated in Figure 3.
APPLICATIO S I FOR ATIO
Figure 3. Power Lost vs Load Current
Figure 2. Setting the LTC3564 Output Voltage
LOAD CURRENT (A)
0.1
0.0001
0.01
1
1
10
100
1000
10000
3564 F03
0.001
0.1
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VIN = 3.6V
VFB
GND
LTC3564
0.6V
≤ VOUT ≤ 5.5V
R2
R1
3564 F02


Similar Part No. - LTC3564ES5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
More results

Similar Description - LTC3564ES5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3545 LINER-LTC3545 Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3410-1.875 LINER-LTC3410-1.875_15 Datasheet
238Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3406B-2 LINER-LTC3406B-2 Datasheet
213Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3410-1.875 LINER-LTC3410-1.875 Datasheet
232Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com