Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3561EDD Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3561EDD
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561EDD Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3561EDD Datasheet HTML 7Page - Linear Technology LTC3561EDD Datasheet HTML 8Page - Linear Technology LTC3561EDD Datasheet HTML 9Page - Linear Technology LTC3561EDD Datasheet HTML 10Page - Linear Technology LTC3561EDD Datasheet HTML 11Page - Linear Technology LTC3561EDD Datasheet HTML 12Page - Linear Technology LTC3561EDD Datasheet HTML 13Page - Linear Technology LTC3561EDD Datasheet HTML 14Page - Linear Technology LTC3561EDD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3561
11
3561f
looking into the SW pin is a function of both top and
bottom MOSFET RDS(ON) and the duty cycle (DC) as
follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Characteris-
tics curves. Thus, to obtain I2R losses:
I2R losses = IOUT2(RSW + RL)
4) Other “hidden” losses such as copper trace and internal
battery resistances can account for additional efficiency
degradations in portable systems. It is very important to
include these “system” level losses in the design of a
system. The internal battery and fuse resistance losses
can be minimized by making sure that CIN has adequate
charge storage and very low ESR at the switching
frequency. Other losses including diode conduction
losses during dead-time and inductor core losses gen-
erally account for less than 2% total additional loss.
Thermal Considerations
In a majority of applications, the LTC3561 does not dissi-
pate much heat due to its high efficiency. However, in
applications where the LTC3561 is running at high ambient
temperature with low supply voltage and high duty cycles,
such as in dropout, the heat dissipated may exceed the
maximum junction temperature of the part. If the junction
temperature reaches approximately 150
°C, both power
switches will be turned off and the SW node will become
high impedance.
To avoid the LTC3561 from exceeding the maximum
junction temperature, the user will need to do some
thermal analysis. The goal of the thermal analysis is to
determine whether the power dissipated exceeds the maxi-
mum junction temperature of the part. The temperature
rise is given by:
TRISE = PD • θJA
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to the
ambient temperature.
The junction temperature, TJ, is given by:
TJ = TRISE + TAMBIENT
As an example, consider the case when the LTC3561 is in
dropout at an input voltage of 3.3V with a load current of
1A. From the Typical Performance Characteristics graph
of Switch Resistance, the RDS(ON) resistance of the
P-channel switch is 0.11
Ω. Therefore, power dissipated
by the part is:
PD = I2 • RDS(ON) = 110mW
The DD8 package junction-to-ambient thermal resistance,
θJA, will be in the range of about 43°C/W. Therefore, the
junction temperature of the regulator operating in a 70
°C
ambient temperature is approximately:
TJ = 0.11 • 43 + 70 = 74.7°C
Remembering that the above junction temperature is
obtained from an RDS(ON) at 25°C, we might recalculate
the junction temperature based on a higher RDS(ON) since
it increases with temperature. However, we can safely
assume that the actual junction temperature will not
exceed the absolute maximum junction temperature of
125
°C.
Design Example
As a design example, consider using the LTC3561 in a
portable application with a Li-Ion battery (refer to Figure 4
for reference designation). The battery provides a VIN =
2.5V to 4.2V. The load requires a maximum of 1A in active
mode and 10mA in standby mode. The output voltage is
VOUT = 2.5V.
First, calculate the timing resistor:
R
MHz
k
T =
()
=
9 78 10
1
323 8
11
108
.•
.
.
Use a standard value of 324k. Next, calculate the inductor
value for about 40% ripple current at maximum VIN:
L
V
MHz
mA
V
V
H
=
⎝⎜
⎠⎟
25
1
400
1
25
42
25
.
.
.
.
Choosing the closest inductor from a vendor of 2.2
µH,
results in a maximum ripple current of:
∆ =
µ
⎝⎜
⎠⎟
=
I
V
MHz
V
V
mA
L
25
12 2
1
25
42
460
.
•.
.
.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC3561EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3561 LINER-LTC3561 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561AEDD-PBF LINER-LTC3561AEDD-PBF Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561AEDD-TRPBF LINER-LTC3561AEDD-TRPBF Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561AIDD-PBF LINER-LTC3561AIDD-PBF Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3561EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com