Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3558EUD-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3558EUD-PBF
Description  Linear USB Battery Charger with Buck and Buck-Boost Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3558EUD-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3558EUD-PBF Datasheet HTML 7Page - Linear Technology LTC3558EUD-PBF Datasheet HTML 8Page - Linear Technology LTC3558EUD-PBF Datasheet HTML 9Page - Linear Technology LTC3558EUD-PBF Datasheet HTML 10Page - Linear Technology LTC3558EUD-PBF Datasheet HTML 11Page - Linear Technology LTC3558EUD-PBF Datasheet HTML 12Page - Linear Technology LTC3558EUD-PBF Datasheet HTML 13Page - Linear Technology LTC3558EUD-PBF Datasheet HTML 14Page - Linear Technology LTC3558EUD-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC3558
11
3558f
PIN FUNCTIONS
GND (Pin 1): Ground. Connect to Exposed Pad (Pin 21).
BAT (Pin 2): Charge Current Output. Provides charge cur-
rent to the battery and regulates final float voltage to 4.2V.
MODE (Pin 3): MODE Pin for Switching Regulators. When
held high, both regulators operate in Burst Mode Opera-
tion. When held low, the buck regulator operates in pulse
skip mode and the buck-boost regulator operates in PWM
mode. This pin is a high impedance input; do not float.
FB1 (Pin 4): Buck Regulator Feedback Voltage Pin. Re-
ceives feedback by a resistor divider connected across
the output.
EN1 (Pin 5): Enable Input Pin for the Buck Regulator. This
pin is a high impedance input; do not float. Active high.
SW1 (Pin 6): Buck Regulator Switching Node. External
inductor connects to this node.
PVIN1 (Pin 7): Input Supply Pin for Buck Regulator. Con-
nect to BAT and PVIN2. A single 10μF input decoupling
capacitor to GND is required.
PVIN2 (Pin 8): Input Supply Pin for Buck-Boost Regulator.
Connect to BAT and PVIN1. A single 10μF input decoupling
capacitor to GND is required.
SWAB2 (Pin 9): Switch Node for Buck-Boost Regulator
Connected to the Internal Power Switches A and B. External
inductor connects between this node and SWCD2.
SWCD2 (Pin 10): Switch Node for Buck-Boost Regulator
Connected to the Internal Power Switches C and D. External
inductor connects between this node and SWAB2.
VOUT2 (Pin 11): Regulated Output Voltage for Buck-Boost
Regulator.
SUSP (Pin 12): Suspend Battery Charging Operation. A
voltage greater than 1.2V on this pin puts the battery char-
ger in suspend mode, disables the charger and resets the
termination timer. A weak pull-down current is internally
applied to this pin to ensure it is low at power-up when
the input is not being driven externally.
FB2 (Pin 13): Buck-Boost Regulator Feedback Voltage
Pin. Receives feedback by a resistor divider connected
across the output.
VC2 (Pin 14): Output of the Error Amplifier and Voltage
Compensation Node for the Buck-Boost Regulator. Ex-
ternal Type I or Type III compensation (to FB2) connects
to this pin.
EN2 (Pin 15): Enable Input Pin for the Buck-Boost Regu-
lator. This pin is a high impedance input; do not float.
Active high.
HPWR (Pin 16): High Current Battery Charging Enabled.
A voltage greater than 1.2V at this pin programs the
BAT pin current at 100% of the maximum programmed
charge current. A voltage less than 0.4V sets the BAT pin
current to 20% of the maximum programmed charge
current. When used with a 1.74k PROG resistor, this pin
can toggle between low power and high power modes per
USB specification. A weak pull-down current is internally
applied to this pin to ensure it is low at power-up when
the input is not being driven externally.
NTC (Pin 17): Input to the NTC Thermistor Monitoring
Circuit. The NTC pin connects to a negative temperature
coefficient thermistor which is typically co-packaged with
the battery pack to determine if the battery is too hot or too
cold to charge. If the battery temperature is out of range,
charging is paused until the battery temperature re-enters
the valid range. A low drift bias resistor is required from
VCC to NTC and a thermistor is required from NTC to
ground. To disable the NTC function, the NTC pin should
be tied to ground.
PROG (Pin 18): Charge Current Program and Charge
Current Monitor Pin. Charge current is programmed by
connecting a resistor from PROG to ground. When charg-
ing in constant-current mode, the PROG pin servos to 1V
if the HPWR pin is pulled high, or 200mV if the HPWR pin
is pulled low. The voltage on this pin always represents
the BAT pin current through the following formula:
I
PROG
R
BAT
PROG
=
•800
CHRG (Pin 19): Open-Drain Charge Status Output. The
CHRG pin indicates the status of the battery charger. Four
possible states are represented by CHRG charging, not
charging (i.e., the charge current is less than one-tenth


Similar Part No. - LTC3558EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
More results

Similar Description - LTC3558EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3559-1 LINER-LTC3559-1_15 Datasheet
312Kb / 24P
   Linear USB Battery Charger with Dual Buck Regulators
LTC3559 LINER-LTC3559_15 Datasheet
312Kb / 24P
   Linear USB Battery Charger with Dual Buck Regulators
LTC3559 LINER-LTC3559 Datasheet
301Kb / 24P
   Linear USB Battery Charger with Dual Buck Regulators
logo
Renesas Technology Corp
ISL9241 RENESAS-ISL9241 Datasheet
245Kb / 2P
   Buck-Boost Configurable Battery Charger with SMBus Interface and USB
Aug 12, 2021
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com