Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3555EUFD-3-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3555EUFD-3-PBF
Description  High Effi ciency USB Power Manager Triple Step-Down DC/DC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3555EUFD-3-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3555EUFD-3-PBF Datasheet HTML 3Page - Linear Technology LTC3555EUFD-3-PBF Datasheet HTML 4Page - Linear Technology LTC3555EUFD-3-PBF Datasheet HTML 5Page - Linear Technology LTC3555EUFD-3-PBF Datasheet HTML 6Page - Linear Technology LTC3555EUFD-3-PBF Datasheet HTML 7Page - Linear Technology LTC3555EUFD-3-PBF Datasheet HTML 8Page - Linear Technology LTC3555EUFD-3-PBF Datasheet HTML 9Page - Linear Technology LTC3555EUFD-3-PBF Datasheet HTML 10Page - Linear Technology LTC3555EUFD-3-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC3555/LTC3555-X
7
3555fd
PowerPath Switching Regulator
Efficiency vs Output Current
VBUS Current vs VBUS Voltage
(Suspend)
TYPICAL PERFORMANCE CHARACTERISTICS
Ideal Diode V-I Characteristics
Ideal Diode Resistance
vs Battery Voltage
Output Voltage vs Output Current
(Battery Charger Disabled)
USB Limited Battery Charge
Current vs Battery Voltage
USB Limited Battery Charge
Current vs Battery Voltage
Battery Drain Current
vs Battery Voltage
Battery Charging Efficiency vs
Battery Voltage with No External
Load (PBAT/PBUS)
FORWARD VOLTAGE (V)
0
0.6
0.8
1.0
0.16
3555 G01
0.4
0.2
0
0.04
0.08
0.12
0.20
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL
DIODE ONLY
VBUS = 0V
VBUS = 5V
BATTERY VOLTAGE (V)
2.7
0.15
0.20
0.25
3.9
3555 G02
0.10
0.05
0
3.0
3.3
3.6
4.2
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL
DIODE
OUTPUT CURRENT (mA)
0
4.00
4.25
4.50
800
3555 G03
3.75
3.50
3.25
200
400
600
1000
BAT = 4V
BAT = 3.4V
VBUS = 5V
5x MODE
BATTERY VOLTAGE (V)
2.7
500
600
700
3.9
3555 G04
400
300
3.0
3.3
3.6
4.2
200
100
0
VBUS = 5V
RPROG = 1k
RCLPROG = 3k
LTC3555
5x USB SETTING,
BATTERY CHARGER SET FOR 1A
LTC3555-1/
LTC3555-3
LTC3555-3
BATTERY VOLTAGE (V)
2.7
0
25
50
75
100
125
150
3.0
3.3
3.6
3.9
3555 G05
4.2
LTC3555
1x USB SETTING,
BATTERY CHARGER SET FOR 1A
LTC3555-3
VBUS = 5V
RPROG = 1k
RCLPROG = 3k
LTC3555-1/
LTC3555-3
BATTERY VOLTAGE (V)
2.7
15
20
25
3.9
3555 G06
10
5
0
3.0
3.3
3.6
4.2
VBUS = 0V
VBUS = 5V
(SUSPEND MODE)
IVOUT = 0μA
OUTPUT CURRENT (A)
0.01
40
50
60
70
80
100
0.1
1
3555 G07
90
5x, 10x MODE
1x MODE
BAT = 3.8V
BATTERY VOLTAGE (V)
2.7
80
90
100
3.9
3555 G08
70
60
3.0
3.3
3.6
4.2
1x CHARGING EFFICIENCY
5x CHARGING EFFICIENCY
RCLPROG = 3k
RPROG = 1k
IVOUT = 0mA
LTC3555-3
LTC3555-1/
LTC3555-3
BUS VOLTAGE (V)
0
30
40
50
4
3555 G09
20
10
0
1
2
3
5
BAT = 3.8V
IVOUT = 0mA


Similar Part No. - LTC3555EUFD-3-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
More results

Similar Description - LTC3555EUFD-3-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
   6A High Effi ciency DC/DC 關Module
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com