Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3555EUFD-1-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3555EUFD-1-PBF
Description  High Effi ciency USB Power Manager Triple Step-Down DC/DC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3555EUFD-1-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3555EUFD-1-PBF Datasheet HTML 2Page - Linear Technology LTC3555EUFD-1-PBF Datasheet HTML 3Page - Linear Technology LTC3555EUFD-1-PBF Datasheet HTML 4Page - Linear Technology LTC3555EUFD-1-PBF Datasheet HTML 5Page - Linear Technology LTC3555EUFD-1-PBF Datasheet HTML 6Page - Linear Technology LTC3555EUFD-1-PBF Datasheet HTML 7Page - Linear Technology LTC3555EUFD-1-PBF Datasheet HTML 8Page - Linear Technology LTC3555EUFD-1-PBF Datasheet HTML 9Page - Linear Technology LTC3555EUFD-1-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC3555/LTC3555-X
6
3555fd
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, DVCC = 3.3V, RPROG = 1k, RCLPROG = 3k,
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFBHIGH2
Maximum Servo Voltage
Full Scale (1, 1, 1, 1) (Note 8)
l
0.78
0.80
0.82
V
VFBLOW2
Minimum Servo Voltage
Zero Scale (0, 0, 0, 0) (Note 8)
0.405
0.425
0.445
V
VLSB2
VFB2 Servo Voltage Step Size
25
mV
RP2
PMOS RDS(ON)
0.6
Ω
RN2
NMOS RDS(ON)
0.7
Ω
RLDO_CL2
LDO Mode Closed-Loop ROUT
0.25
Ω
RLDO_OL2
LDO Mode Open-Loop ROUT
(Note 9)
2.5
Ω
General Purpose Switching Regulator 3
IVIN3
Pulse Skip Mode Input Current
Burst Mode Input Current
Forced Burst Mode Input Current
LDO Mode Input Current
Shutdown Input Current
IOUT3 = 0μA (Note 6)
IOUT3 = 0μA (Note 6)
IOUT3 = 0μA (Note 6)
IOUT3 = 0μA (Note 6)
IOUT3 = 0μA, FB3 = 0V
225
35
20
20
60
35
35
1
μA
μA
μA
μA
μA
ILIMSW3
PMOS Switch Current Limit
Pulse Skip/Burst Mode Operation
1500
2000
2800
mA
IOUT3
Available Output Current
Pulse Skip/Burst Mode Operation (Note 7)
Forced Burst Mode Operation (Note 7)
LDO Mode (Note 7)
1000
150
50
mA
mA
mA
VFBHIGH3
Maximum Servo Voltage
Full Scale (1, 1, 1, 1) (Note 8)
l
0.78
0.80
0.82
V
VFBLOW3
Minimum Servo Voltage
Zero Scale (0, 0, 0, 0) (Note 8)
0.405
0.425
0.445
V
VLSB3
VFB Servo Voltage Step Size
25
mV
RP3
PMOS RDS(ON)
0.18
Ω
RN3
NMOS RDS(ON)
0.30
Ω
RLDOCL3
LDO Mode Closed Loop ROUT
0.25
Ω
RLDOOL3
LDO Mode Open Loop ROUT
(Note 9)
2.5
Ω
tRST3
Power On Reset Time for Switching
Regulator
VFB3 Within 92% of Final Value to RST3 Hi-Z
230
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3555E/LTC3555E-X are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the – 40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3555I/LTC3555I-X are
guaranteed to meet performance specifications over the full –40°C to 85°C
operating temperature range.
Note 3: The LTC3555/LTC3555-X include overtemperature protection that
is intended to protect the device during momentary overload conditions.
Junction temperature will exceed 125°C when overtemperature protection
is active. Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
Note 4: Total input current is the sum of quiescent current, IVBUSQ, and
measured current given by:
VCLPROG/RCLPROG • (hCLPROG +1)
Note 5: hC/10 is expressed as a fraction of measured full charge current
with indicated PROG resistor.
Note 6: FBx above regulation such that regulator is in sleep. Specification
does not include resistive divider current reflected back to VINx.
Note 7: Guaranteed by design but not explicitly tested.
Note 8: Applies to pulse skip, Burst Mode operation and forced Burst
Mode operation only.
Note 9: Inductor series resistance adds to open-loop ROUT.


Similar Part No. - LTC3555EUFD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
More results

Similar Description - LTC3555EUFD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
   6A High Effi ciency DC/DC 關Module
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com