Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3550-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3550-1
Description  Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3550-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3550-1 Datasheet HTML 2Page - Linear Technology LTC3550-1 Datasheet HTML 3Page - Linear Technology LTC3550-1 Datasheet HTML 4Page - Linear Technology LTC3550-1 Datasheet HTML 5Page - Linear Technology LTC3550-1 Datasheet HTML 6Page - Linear Technology LTC3550-1 Datasheet HTML 7Page - Linear Technology LTC3550-1 Datasheet HTML 8Page - Linear Technology LTC3550-1 Datasheet HTML 9Page - Linear Technology LTC3550-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3550-1
6
35501f
1000
800
600
400
200
0
3550-1 G10
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
VDCIN = VUSBIN = 5V
VBAT = 4V
θJA = 40°C/W
RIDC = 1.25k
RIDC = RIUSB = 2k
ONSET OF
THERMAL REGULATION
VDCIN (V)
3550-1 G11
900
800
700
600
500
400
300
4.0
5.0
6.0
6.5
4.5
5.5
7.0
7.5
8.0
RIDC = 1.25k
VBAT = 4V
θJA = 35°C/W
ONSET OF
THERMAL REGULATION
VBAT (V)
2.4
1000
800
600
400
200
0
3.0
3.6
3.9
3550-1 G12
2.7
3.3
4.2
4.5
VDCIN = VUSBIN = 5V
θJA = 40°C/W
RIDC = 1.25k
TEMPERATURE (
°C)
–50
550
500
450
400
350
300
250
25
75
3550-1 G13
–25
0
50
100
125
VBAT = 4V
IBAT = 200mA
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
800
750
700
650
600
550
500
450
400
350
3550-1 G14
VBAT = 4V
IBAT = 200mA
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
900
850
800
750
700
650
600
3550-1 G15
VDCIN = VUSBIN = 5V
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
3550-1 G16
50
45
40
35
30
25
20
15
10
5
0
VDCIN = 8V
VDCIN = 5V
VDCIN = 4.3V
ENABLE = 5V
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
45
40
35
30
25
20
15
10
5
0
3550-1 G17
VUSBIN = 8V
VUSBIN = 5V
VUSBIN = 4.3V
ENABLE = 0V
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
3550-1 G18
2.8
2.6
2.4
2.2
2.0
1.8
1.6
Charge Current
vs Ambient Temperature
Charge Current
vs Supply Voltage
Charge Current vs Battery Voltage
DCIN Power FET On-Resistance
vs Temperature
USBIN Power On-Resistance
vs Temperature
ENABLE Pin Threshold Voltage
(On-to-Off) vs Temperature
DCIN Shutdown Current
vs Temperature
USBIN Shutdown Current
vs Temperature
ENABLE Pin Pulldown Resistance
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C, unless otherwise noted.


Similar Part No. - LTC3550-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3550-1 LINER-LTC3550-1_15 Datasheet
358Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
More results

Similar Description - LTC3550-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3550-1 LINER-LTC3550-1_15 Datasheet
358Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550 LINER-LTC3550 Datasheet
320Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550 LINER-LTC3550_15 Datasheet
326Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
logo
Billiton Ltd.
TP4058 ASIC-TP4058 Datasheet
821Kb / 12P
   600mA Linear Li-Ion Battery Charger
logo
Will Semiconductor Ltd.
WS4508E WILLSEMI-WS4508E Datasheet
456Kb / 11P
   600mA, Single Li-ion Battery Charger
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102_08 Datasheet
539Kb / 34P
   Dual USB/wall adapter Li-ion battery charger with gas gauge
logo
Billiton Ltd.
TP4059 ASIC-TP4059 Datasheet
813Kb / 12P
   600mA Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com