Part Name
         Description
TSOP4830UH1

 Photo Modules for PCM Remote Control Systems ( 7 Page)


VISHAY
100% 
Zoom Out Zoom In
   
 5 page
background image
TSOP48..UH1
Vishay Telefunken
5 (7)
Rev. 3, 29-Mar-01
www.vishay.com
Document Number 82128
Ee
T
tpi *
t
* tpi w 10/fo is recommended for optimal function
VO
VOH
VOL
t
16110
Optical Test Signal
(IR diode TSAL6200, IF = 0.4 A, 30 pulses, f = f0, T = 10 ms)
Output Signal
td1 )
tpo2
)
1 ) 7/f0 < td < 15/f0
2 )
tpo = tpi " 6/f0
Figure 7. Output Function
Ee
t
VO
VOH
VOL
t
600
ms
600
ms
T = 60 ms
Ton
Toff
94 8134
Optical Test Signal
Output Signal, ( see Fig.10 )
Figure 8. Output Function
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
10
20
30
40
50
60
70
80
90
Burstlength [number of cycles/burst]
16156
f = 38 kHz
Figure 9. Max. Envelope Duty Cycle vs. Burstlength
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10.0
100.0
1000.0 10000.0
Ee – Irradiance (mW/m2)
96 12114
Ton
l = 950 nm,
optical test signal, fig.8
Toff
Figure 10. Output Pulse Diagram
750
850
950
1050
0
0.2
0.4
0.6
0.8
1.2
l – Wavelength ( nm )
1150
94 8408
1.0
Figure 11. Relative Spectral Sensitivity vs. Wavelength
96 12223p2
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
1.0
0.8
0.7
drel – Relative Transmission Distance
Figure 12. Directivity



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TSOP1230CB1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1330TB1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1730SF1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1830SI1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP2130YA1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP2830SB1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP4830TE1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TDS11Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1230GL1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1530Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl