Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3544EUD-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3544EUD-TRPBF
Description  Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544EUD-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3544EUD-TRPBF Datasheet HTML 4Page - Linear Technology LTC3544EUD-TRPBF Datasheet HTML 5Page - Linear Technology LTC3544EUD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3544EUD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3544EUD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3544EUD-TRPBF Datasheet HTML 9Page - Linear Technology LTC3544EUD-TRPBF Datasheet HTML 10Page - Linear Technology LTC3544EUD-TRPBF Datasheet HTML 11Page - Linear Technology LTC3544EUD-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3544
8
3544fa
FUNCTIONAL DIAGRAMS
IBIAS200A
SW200A
POWER
FETs
REG200A
REG100
VFB200A
5
2
IBIAS300
SW300
POWER
FETs
REG300
VFB300
8
10
SW100
VFB100
13
11
SW200B
VFB200B
4
1
7
6
PVIN
PGND
0.8V
REF
OSC
VCC
9
RUN300
16
RUN200B
12
RUN100
3
RUN200A
GNDA
SHDN
RUN
LOGIC
IBIAS100
POWER
FETs
REG200B
IBIAS200B
3544 FD01
POWER
FETs
15
14
+
+
EA
+
VSLEEP
ITH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
S
R
Q
Q
RS
LATCH
BURST
ICOMP
IRCMP
ANTI
SHOOT-
THRU
SLOPE
COMP
SLEEP
0.8V VREF
OSC
OSC
SHUTDOWN
REGULATOR
SWx
10
Ω
3544 FD02
1
VFBx
4
PVIN
3
PGND
5
0.8V
BURST
CLAMP
SOFT-START


Similar Part No. - LTC3544EUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3544 LINER-LTC3544 Datasheet
298Kb / 16P
   Quad Synchronous Step-Down Regulator
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
298Kb / 18P
   Quad Synchronous Step-Down Regulator
LTC3544BEUD LINER-LTC3544BEUD Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544BEUD-PBF LINER-LTC3544BEUD-PBF Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
More results

Similar Description - LTC3544EUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
LTC3410-1.875 LINER-LTC3410-1.875_15 Datasheet
238Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410-1.875 LINER-LTC3410-1.875 Datasheet
232Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410_15 Datasheet
337Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B Datasheet
290Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B_15 Datasheet
295Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
logo
Monolithic Power System...
MP2101 MPS-MP2101 Datasheet
469Kb / 12P
   1.6MHz Synchronous Step-Down plus 200mA LDO
logo
ADDtek Corp
A705 ADDTEK-A705 Datasheet
164Kb / 7P
   200mA ~ 300mA ADVANCED CURRENT REGULATOR
AUGUST 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com