Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3541EDD-1-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3541EDD-1-TRPBF
Description  High Efficiency Buck VLDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3541EDD-1-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3541EDD-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC3541EDD-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC3541EDD-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC3541EDD-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC3541EDD-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC3541EDD-1-TRPBF Datasheet HTML 12Page - Linear Technology LTC3541EDD-1-TRPBF Datasheet HTML 13Page - Linear Technology LTC3541EDD-1-TRPBF Datasheet HTML 14Page - Linear Technology LTC3541EDD-1-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3541-1

35411fa
APPLICATIO S I FOR ATIO
ThebasicLTC3541-1applicationcircuitisshownonthe
firstpageofthisdatasheet.Externalcomponentselection
isdrivenbytheloadrequirementandrequirestheselection
ofL,followedbyCIN,COUT,andfeedbackresistorvalues
forthebuckandtheselectionoftheoutputcapacitorand
feedbackvaluesfortheVLDOandlinearregulator.
BUCK REGULATOR
Inductor Selection
Formostapplications,theappropriateinductorvaluewill
beintherangeof1.5
µHto3.3µHwith2.2µHthemost
commonly used. The exact inductor value is chosen
largely based on the desired ripple current and burst
rippleperformance.Generally,largevalueinductorsre-
duceripplecurrent,andconversely,smallvalueinductors
producehigherripplecurrent.HigherVINorVOUTmay
alsoincreasetheripplecurrentasshowninEquation1.
Areasonablestartingpointforsettingripplecurrentis
ΔIL=200mA(40%of500mA).
Δ = ( )( )


I
f L
V
V
V
L
OUT
OUT
IN
1
1
(1)
TheDCcurrentratingoftheinductorshouldbeatleast
equaltothemaximumloadcurrentplushalftheripple
currenttopreventcoresaturation.Thus,a600mArated
inductorshouldbeenoughformostapplications(500mA
+100mA).Forbetterefficiency,choosealowDCresis-
tanceinductor.
Inductor Core Selection
Different core materials and shapes will change the
size/currentandprice/currentrelationshipofaninduc-
tor.Toroidorshieldedpotcoresinferriteorpermalloy
materialsaresmallanddon’tradiatemuchenergy,but
generallycostmorethanpowderedironcoreinductors
withsimilarelectricalcharacteristics.Thechoiceofwhich
styleinductortouseoftendependsmoreonthepricevs
sizerequirementandanyradiatedfield/EMIrequirements
ratherthanwhattheLTC3541-1requirestooperate.Table2
showssometypicalsurfacemountinductorsthatwork
wellinLTC3541-1applications.
CIN and COUT Selection
Incontinuousmode,thesourcecurrentofthetopMOSFET
isasquarewaveofdutycycleVOUT/VIN.Topreventlarge
voltagetransients,alowESRinputcapacitorsizedforthe
maximumRMScurrentmustbeused.ThemaximumRMS
capacitorcurrentisgivenby:
c
I
V
V
V
IN
OMAX
OUT
IN
OUT
required IRMS
(
)


1/22
VIN
This formula has a maximum at VIN = 2VOUT, where
IRMS=IOUT/2.Thissimpleworst-caseconditioniscommon-
lyusedfordesign.Notethatthecapacitormanufacturer’s
ripplecurrentratingsareoftenbasedon2000hoursof
life.Thismakesitadvisabletofurtherderatethecapaci-
tororchooseacapacitorratedatahighertemperature
thanrequired.Alwaysconsultthemanufacturerwithany
questionregardingpropercapacitorchoice.
TheselectionofCOUTforthebuckregulatorisdrivenby
thedesiredbucklooptransientresponse,requiredeffective
seriesresistance(ESR)andburstrippleperformance.
TheLTC3541-1minimizestherequirednumberofexternal
components by providing internal loop compensation
forthebuckregulatorloop.Loopstability,transientre-
sponseandburstperformancecanbetailoredbychoice
ofoutputcapacitance.Formanyapplications,desirable
stability,transientresponseandrippleperformancecan
Table 2. Representative Surface Mount Inductors
PART
NUMBER
VALUE
(µH)
DCR
(
Ω MAX)
MAX DC
CURRENT (A)
SIZE
W
× L × H (mm3)
Sumida
CDRH3D23
1.0
1.5
2.2
3.3
0.025
0.029
0.038
0.048
2.0
1.5
1.3
1.1
3.9
×3.9×2.4
Sumida
CMD4D06
2.2
3.3
0.116
0.174
0.950
0.770
3.5
×4.3×0.8
Coilcraft
ME3220
1.0
1.5
2.2
3.3
0.058
0.068
0.104
0.138
2.7
2.2
1.0
1.3
2.5
×3.2×2.0
Murata
LQH3C
1.0
2.2
0.060
0.097
1.00
0.79
2.5
×3.2×2.0
Sumida
CDRH2D11/HP
1.5
2.2
0.06
0.10
1.00
0.72
3.2
×3.2×1.2


Similar Part No. - LTC3541EDD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3541EDD-2 LINER-LTC3541EDD-2 Datasheet
336Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541EDD-3 LINER-LTC3541EDD-3 Datasheet
400Kb / 20P
   High Efficiency Buck VLDO Regulator
More results

Similar Description - LTC3541EDD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3541-1 LINER-LTC3541-1_15 Datasheet
401Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2 Datasheet
336Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541 Datasheet
367Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541_15 Datasheet
391Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2_15 Datasheet
380Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3_15 Datasheet
423Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3 Datasheet
400Kb / 20P
   High Efficiency Buck VLDO Regulator
logo
Analog Devices
ADP2360 AD-ADP2360 Datasheet
970Kb / 16P
   High Efficiency Buck Regulator
logo
Linear Technology
LTC3446EDE LINER-LTC3446EDE Datasheet
248Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
LTC3446 LINER-LTC3446 Datasheet
253Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com