Part Name
         Description
LTC3541EDD-1-PBF

 High Efficiency Buck + VLDO Regulator ( 20 Page)


LINER
100% 
Zoom Out Zoom In
 
 3 page
background image
LTC3541-1

35411fa
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise specified (Note 2)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBUCKFB
ReferenceRegulationVoltage
(Note6)
ENBUCK=VIN,ENVLDO=0V,TA=25°C
0.784
0.8
0.816
V
ENBUCK=VIN,ENVLDO=0V,0°C≤TA≤85°C
0.782
0.8
0.818
V
ENBUCK=VIN,ENVLDO=0V,–40°C≤TA≤85°C
0.78
0.8
0.82
V
VLFB
ReferenceRegulationVoltage
(Note7)
ENBUCK=0V,ENVLDO=VIN,TA=25°C
0.392
0.4
0.408
V
ENBUCK=0V,ENVLDO=VIN,0°C≤TA≤85°C
0.391
0.4
0.409
V
ENBUCK=0V,ENVLDO=VIN,–40°C≤TA≤85°C
0.390
0.4
0.410
V
IS
Buck+VLDO
BurstModeSleep
VINQuiescentCurrent
LVIN=1.5V,LVOUT=1.2V,ENBUCK=VIN,
ENVLDO=VIN,MODE=0V,IOUT(VLDO)=10µA,
VBUCKFB=0.9V
85
µA
Buck+VLDO
BurstModeActive
VINQuiescentCurrent
LVIN=1.5V,LVOUT=1.2V,ENBUCK=VIN,
ENVLDO=VIN,MODE=0V,IOUT(VLDO)=10µA,
VBUCKFB=0.7V
315
µA
Buck+VLDO
Pulse-SkipModeActive
VINQuiescentCurrent
LVIN=1.5V,LVOUT=1.2V,ENBUCK=VIN,
ENVLDO=VIN,MODE=VIN,IOUT(VLDO)=10µA,
VBUCKFB=0.7V
300
µA
Buck
BurstModeSleep
VINQuiescentCurrent
VBUCKFB=0.9V,IOUT(BUCK)=0A,ENBUCK=VIN,
ENVLDO=0V,MODE=0V
55
µA
Buck
BurstModeActive
VINQuiscentCurrent
VBUCKFB=0.7V,IOUT(BUCK)=0A,ENBUCK=VIN,
ENVLDO=0V,MODE=0V
300
µA
Buck
Pulse-SkipModeActive
VINQuiescentCurrent
VBUCKFB=0.7V,IOUT(BUCK)=0A,ENBUCK=VIN,
ENVLDO=0V,MODE=VIN
285
µA
LinearRegulatorVINQuiescent
Current
LVOUT=1.2V,ENBUCK=0V,ENVLDO=VIN,
IOUT(LREG)=10µA
50
µA
VINShutdownQuiescentCurrent ENBUCK=0V,ENVLDO=0V
2.5
µA
LVINShutdownQuiescentCurrent LVIN=3.6V,ENBUCK=0V,ENVLDO=0V
0.1
µA
fOSC
OscillatorFrequency
1.8
2.25
2.7
MHz
RPFET
RDS(ON)ofP-ChannelMOSFET
ISW=100mA
0.25
Ω
RNFET
RDS(ON)ofN-ChannelMOSFET
ISW=100mA
0.35
Ω
ILSW
SWLeakage
Enable=0V,VSW=0Vor6V,VIN=6V
±0.01
±1
µA
VIH
InputPinHighThreshold
MODE,ENBUCK,ENVLDO
0.9
V
VIL
InputPinLowThreshold
MODE,ENBUCK,ENVLDO
0.3
V
IMODE,
IENBUCK,
IENVLDO
InputPinCurrent
±0.01
±1
µA
Note 1:StressesbeyondthoselistedunderAbsoluteMaximumRatings
maycausepermanentdamagetothedevice.ExposuretoanyAbsolute
MaximumRatingconditionforextendedperiodsmayaffectdevice
reliabilityandlifetime.
Note 2:TheLTC3541-1isguaranteedtomeetperformancespecifications
from0°Cto85°C.VLDO/linearregulatoroutputistestedandspecified
underpulseloadconditionssuchthatTJ≈TA,andare100%production
testedat25°C.Specificationsoverthe–40°Cto85°Coperating
temperaturerangeareassuredbydesign,characterizationandcorrelation
withstatisticalprocesscontrols.
Note 3:MinimumoperatingLVINvoltagerequiredforVLDOregulator
regulationis:
LVIN≥LVOUT+VDROPOUTandLVIN≥0.9V
Note 4:MinimumoperatingVINvoltagerequiredforVLDOregulatorand
linearregulatorregulationis:
VIN≥LVOUT+1.4VandVIN≥2.7V
Note 5:TJiscalculatedfromtheambienttemperature,TA,andpower
dissipation,PD,accordingtothefollowingformula:
TJ=TA+(PD•43°C/W)
Note 6:TheLTC3541-1istestedinaproprietarytestmodethatconnects
VBUCKFBtotheoutputoftheerroramplifier.Forthereferenceregulation
andlineregulationtests,theoutputoftheerroramplifierissettothe
midpoint.Fortheloadregulationtest,theoutputoftheerroramplifieris
driventominimumandmaximumofthesignalrange.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL62731.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator 1 2 3 4 5 MoreIntersil Corporation
ISL80133A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator 1 2 3 4 5 MoreIntersil Corporation
SP6652_071A High Efficiency Fixed 1.4 MHz Current Mode PWM Buck Regulator 1 2 3 4 5 MoreSipex Corporation
SP6654_05High Efficiency 800mA Synchronous Buck Regulator 1 2 3 4 5 MoreSipex Corporation
MIC2203High Efficiency 1MHz Synchronous Buck Regulator 1 2 3 4 5 MoreMicrel Semiconductor
ISL80122A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator 1 2 3 4 5 MoreIntersil Corporation
ISL91061.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl