Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3452EUF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3452EUF
Description  Synchronous Buck-Boost MAIN/CAMERA White LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3452EUF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3452EUF Datasheet HTML 6Page - Linear Technology LTC3452EUF Datasheet HTML 7Page - Linear Technology LTC3452EUF Datasheet HTML 8Page - Linear Technology LTC3452EUF Datasheet HTML 9Page - Linear Technology LTC3452EUF Datasheet HTML 10Page - Linear Technology LTC3452EUF Datasheet HTML 11Page - Linear Technology LTC3452EUF Datasheet HTML 12Page - Linear Technology LTC3452EUF Datasheet HTML 13Page - Linear Technology LTC3452EUF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC3452
3452f
LED Current Setting Amps
The maximum forward current per LED for all LEDs in a
given bank is programmed by a single external resistor to
ground at the corresponding ISETL,H pin according to the
following formulas:
I
R
I
R
MAXL
ISETL
MAXH
ISETH
=
⎝⎜
⎠⎟
=
⎝⎜
⎠⎟
256
08
768
08
.
,
.
For operation at currents below IMAXL in the low power
bank, refer to the Exponential Brightness Control section
and also to external circuit options given in the Applica-
tions Section. For operation at currents below IMAXH in the
high power bank, refer only to the external circuit options
given in the Applications Section.
Shutdown Circuit
The shutdown circuit monitors the voltages at the ENL,H
pins. Logic high on either/both inputs enables the part and
logic low on both puts the part in shutdown. Since the ENL
pin doubles as a PWM input for LED brightness control, an
output filter in the shutdown circuit is employed to prevent
the part from toggling in and out of shutdown for normal
PWMing of the ENL input when ENH is low. If ENH is low,
the LTC3452 is enabled immediately after a rising edge at
the ENL pin, but waits 200µs (typical) after a falling edge
to enter shutdown. Consequently, a minimum PWM fre-
quency is required for smooth brightness control at cur-
rents below IMAXL. The recommended PWM frequency is
10kHz to 50kHz.
Exponential Brightness Control
(Low Power LED Bank Only)
The LTC3452 implements an exponential brightness con-
trol function for the low power LED bank only in which the
LEDLx current is a function of the PWM duty cycle at the
ENL pin. The LED current will be equal to a fraction of
IMAXL as given in Table 1. As the duty cycle (that the PWM
waveform is logic high) increases linearly, the LED cur-
rent will increase exponentially from 1/128th IMAXL to
128/128ths IMAXL in seven binary steps. The function
implemented results in “smoother” brightness and dim-
ming control as perceived by the human eye, which is
logarithmic in nature.
Table 1. Low Power Bank Brightness Control
ENL DUTY CYCLE (% LOGIC HIGH)
LEDLx CURRENT
0% (Logic Low)
0 (Shutdown)
0% < Duty Cycle < 12.5%
1/128 • IMAXL
12.5% < Duty Cycle < 25%
1/64 • IMAXL
25% < Duty Cycle < 37.5%
1/32 • IMAXL
37.5% < Duty Cycle < 50%
1/16 • IMAXL
50% < Duty Cycle < 62.5%
1/8 • IMAXL
62.5% < Duty Cycle < 75%
1/4 • IMAXL
75% < Duty Cycle < 87.5%
1/2 • IMAXL
87.5% < Duty Cycle
≤ 100%
IMAXL
LED Current Sources
Each LED pin is driven by a current source specifically
designed for low dropout. The LTC3452 employs a propri-
etary architecture that determines which of the seven
LEDs requires the largest forward voltage drop at its
programmed current, and then generates a feedback
voltage based on this one for closing the buck-boost
regulation loop. This results in the lowest output voltage
required for regulating all of the LEDs and thus the highest
LED power efficiency. The voltage present at the LED pin
of the “controlling LED” will be typically 130mV at 20mA
(low power bank) or 250mA at 100mA (high power bank)
of current.
LED Detect Circuit
If fewer than five LED outputs in the low power bank and/
or fewer than two LED outputs in the high power bank are
required, unused outputs should be connected to VOUT.
Each LED pin has an internal LED detect circuit that
disables the output current source to save power if an
output is not needed. A small current is employed to detect
the presence of an LED at startup. This current is typically
10
µA for the low power bank and 30µA for the high power
bank.
OPERATIO


Similar Part No. - LTC3452EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
284Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
More results

Similar Description - LTC3452EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
   High power buck-boost white LED driver
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com