Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3446IDE-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3446IDE-TRPBF
Description  Monolithic Buck Regulator with Dual VLDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3446IDE-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3446IDE-TRPBF Datasheet HTML 5Page - Linear Technology LTC3446IDE-TRPBF Datasheet HTML 6Page - Linear Technology LTC3446IDE-TRPBF Datasheet HTML 7Page - Linear Technology LTC3446IDE-TRPBF Datasheet HTML 8Page - Linear Technology LTC3446IDE-TRPBF Datasheet HTML 9Page - Linear Technology LTC3446IDE-TRPBF Datasheet HTML 10Page - Linear Technology LTC3446IDE-TRPBF Datasheet HTML 11Page - Linear Technology LTC3446IDE-TRPBF Datasheet HTML 12Page - Linear Technology LTC3446IDE-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3446
9
3446fd
BLOCK DIAGRAM
+
+
+
+
2
14
+
PMOS CURRENT
COMPARATOR
BURST
COMPARATOR
NMOS
OVERCURRENT
COMPARATOR
REVERSE
CURRENT
COMPARATOR
B
BCLAMP
VIN
SLOPE
COMPENSATION
ITH
LIMIT
OSCILLATOR
POWER
GOOD
ITH
PARK
3
4
ITH
0.8V
VB
0.4V
VOLTAGE
REFERENCE
ERROR
AMPLIFIER
LOGIC
SW
15
GND
EXPOSED
PAD
6
LVIN
LVOUT1
LVFB1
6μA
VLDO1
SOFT-START
VIN
5
10
+
LVOUT2
3446 BD
LVFB2
6μA
VLDO2
SOFT-START
VIN
7
9
PGOOD
13
1
ENBUCK
MODESEL
11
ENLDO1
8
ENLDO2
12
BUCKFB
SOFT-START
ENBUCK


Similar Part No. - LTC3446IDE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3446IDE LINER-LTC3446IDE Datasheet
248Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
More results

Similar Description - LTC3446IDE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3446EDE LINER-LTC3446EDE Datasheet
248Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
LTC3446 LINER-LTC3446_15 Datasheet
288Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
LTC3541-1 LINER-LTC3541-1_15 Datasheet
401Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2 Datasheet
336Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541 Datasheet
367Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541_15 Datasheet
391Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2_15 Datasheet
380Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3_15 Datasheet
423Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-1 LINER-LTC3541-1 Datasheet
378Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3 Datasheet
400Kb / 20P
   High Efficiency Buck VLDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com