Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3448 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3448
Description  1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3448 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3448 Datasheet HTML 2Page - Linear Technology LTC3448 Datasheet HTML 3Page - Linear Technology LTC3448 Datasheet HTML 4Page - Linear Technology LTC3448 Datasheet HTML 5Page - Linear Technology LTC3448 Datasheet HTML 6Page - Linear Technology LTC3448 Datasheet HTML 7Page - Linear Technology LTC3448 Datasheet HTML 8Page - Linear Technology LTC3448 Datasheet HTML 9Page - Linear Technology LTC3448 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC3448
3448f
TYPICAL PERFOR A CE CHARACTERISTICS
(From Figure 1a Except for the Resistive Divider Resistor Values)
Load Step
External Mode Control (Constant
1mA Load)
PI FU CTIO S
VFB (Pin 1): Feedback Pin. This pin receives the feedback
voltage from an external resistive divider across the
output.
VOUT (Pin 2): Output Pin. This pin connects to an external
resistor divider and the linear regulator output. Connect
externally to the inductor and the output capacitor. The
internal linear regulator will supply current up to the
ILDO(OFF) current. Load currents above that are supplied by
the buck regulator. Internal circuitry automatically enables
the buck switching regulator at load currents higher than
the ILDO(OFF). The minimum required capacitance on this
pin is 2
µF.
MODE (Pin 3): Linear Regulator Control. Grounding this
pin turns off the linear regulator. Setting this pin to VIN
turns on the linear regulator regardless of the load current.
Tying this pin midrange (i.e., to VOUT) will place the linear
regulator in auto mode, where turn on/off is a function of
the load current. In applications where MODE is externally
driven high or low, this pin should be held low for 50
µs
after the RUN pin is pulled high.
VIN (Pin 4): Main Supply Pin. This pin must be closely
decoupled to GND with a 2.2
µF or greater ceramic
capacitor.
SW (Pin 5): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchro-
nous power MOSFET switches.
FREQ (Pin 6): Frequency Select. Switching frequency is
set to 1.5MHz when FREQ = 0V and to 2.25MHz when
FREQ = VIN. Do not float this pin.
SYNC (Pin 7): External Synchronization Pin. The oscilla-
tion frequency can be synchronized to an external oscilla-
tor applied to this pin. For external frequencies above
2.2MHz, pull FREQ high.
RUN (Pin 8): Run Control Input. Forcing this pin above
1.5V enables the part. Forcing this pin below 0.3V shuts
down the device. In shutdown, all functions are disabled
drawing <1
µA supply current. Do not leave RUN floating.
Exposed Pad (Pin 9): Ground. This pin must be soldered
to PCB.
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
ILOAD
250mA/DIV
VIN = 3.6V
VOUT = 1.5V
ILOAD = 100mA TO 600mA
10
µs/DIV
3448 G18
VOUT
20mV/DIV
AC COUPLED
MODE PIN
2V/DIV
VOUT = 1.5V
TA = 25°C
200
µs/DIV
3448 G19
SWITCHER
SWITCHER
LDO


Similar Part No. - LTC3448

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3448 LINER-LTC3448_15 Datasheet
283Kb / 20P
   1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
More results

Similar Description - LTC3448

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3448 LINER-LTC3448_15 Datasheet
283Kb / 20P
   1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Champion Microelectroni...
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Linear Technology
LTC3406B-2 LINER-LTC3406B-2 Datasheet
213Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-2 LINER-LTC3406B-2_15 Datasheet
223Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3408 LINER-LTC3408_15 Datasheet
166Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3403 LINER-LTC3403 Datasheet
920Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3403 LINER-LTC3403_15 Datasheet
933Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com