Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3412AEUF-TR Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3412AEUF-TR
Description  3A, 4MHz, Monolithic Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412AEUF-TR Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3412AEUF-TR Datasheet HTML 5Page - Linear Technology LTC3412AEUF-TR Datasheet HTML 6Page - Linear Technology LTC3412AEUF-TR Datasheet HTML 7Page - Linear Technology LTC3412AEUF-TR Datasheet HTML 8Page - Linear Technology LTC3412AEUF-TR Datasheet HTML 9Page - Linear Technology LTC3412AEUF-TR Datasheet HTML 10Page - Linear Technology LTC3412AEUF-TR Datasheet HTML 11Page - Linear Technology LTC3412AEUF-TR Datasheet HTML 12Page - Linear Technology LTC3412AEUF-TR Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3412A
9
3412afc
The operating frequency is externally set by an external
resistor connected between the RT pin and ground. The
practical switching frequency can range from 300kHz to
4MHz.
Overvoltage and undervoltage comparators will pull the
PGOOD output low if the output voltage comes out of
regulation by ± 7.5%. In an overvoltage condition, the top
power MOSFET is turned off and the bottom power MOSFET
is switched on until either the overvoltage condition clears
or the bottom MOSFET’s current limit is reached.
Forced Continuous Mode
Connecting the SYNC/MODE pin to SVIN will disable Burst
Mode operation and force continuous current operation.
At light loads, forced continuous mode operation is less
efficient than Burst Mode operation, but may be desirable in
some applications where it is necessary to keep switching
harmonics out of a signal band. The output voltage ripple
is minimized in this mode.
Burst Mode Operation
Connecting the SYNC/MODE pin to a voltage in the range
of 0V to 1V enables Burst Mode operation. In Burst Mode
operation, the internal power MOSFETs operate intermit-
tently at light loads. This increases efficiency by minimiz-
ing switching losses. During Burst Mode operation, the
minimum peak inductor current is externally set by the
voltage on the SYNC/MODE pin and the voltage on the ITH
pin is monitored by the burst comparator to determine
when sleep mode is enabled and disabled. When the
average inductor current is greater than the load current,
the voltage on the ITH pin drops. As the ITH voltage falls
below 150mV, the burst comparator trips and enables
sleep mode. During sleep mode, the top power MOSFET
is held off and the ITH pin is disconnected from the output
of the error amplifier. The majority of the internal circuitry
is also turned off to reduce the quiescent current to 64μA
while the load current is solely supplied by the output
capacitor. When the output voltage drops, the ITH pin is
reconnected to the output of the error amplifier and the
top power MOSFET along with all the internal circuitry is
switched back on. This process repeats at a rate that is
dependent on the load demand.
Pulse Skipping operation is implemented by connecting
the SYNC/MODE pin to ground. This forces the burst
clamp level to be at 0V. As the load current decreases, the
peak inductor current will be determined by the voltage
on the ITH pin until the ITH voltage drops below 400mV. At
this point, the peak inductor current is determined by the
minimum on-time of the current comparator. If the load
demand is less than the average of the minimum on-time
inductor current, switching cycles will be skipped to keep
the output voltage in regulation.
Frequency Synchronization
The internal oscillator of the LTC3412A can be synchro-
nized to an external clock connected to the SYNC/MODE
pin. The frequency of the external clock can be in the
range of 300kHz to 4MHz. For this application, the oscil-
lator timing resistor should be chosen to correspond to
a frequency that is 25% lower than the synchronization
frequency. During synchronization, the burst clamp is set
to 0V, and each switching cycle begins at the falling edge
of the clock signal.
Dropout Operation
When the input supply voltage decreases toward the output
voltage, the duty cycle increases toward the maximum
on-time. Further reduction of the supply voltage forces
the main switch to remain on for more than one cycle
eventually reaching 100% duty cycle. The output voltage
will then be determined by the input voltage minus the
voltage drop across the internal P-channel MOSFET and
the inductor.
Low Supply Operation
The LTC3412A is designed to operate down to an input
supply voltage of 2.25V. One important consideration
at low input supply voltages is that the RDS(ON) of the
P-channel and N-channel power switches increases. The
user should calculate the power dissipation when the
LTC3412A is used at 100% duty cycle with low input volt-
ages to ensure that thermal limits are not exceeded.
OPERATIO


Similar Part No. - LTC3412AEUF-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412A LINER-LTC3412A Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3412A LINER-LTC3412A Datasheet
481Kb / 20P
   짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
logo
Analog Devices
LTC3412A AD-LTC3412A Datasheet
3Mb / 26P
   5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
LTC3412A AD-LTC3412A Datasheet
2Mb / 20P
   5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
LTC3412A AD-LTC3412A Datasheet
1Mb / 16P
   1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
Rev. 0
More results

Similar Description - LTC3412AEUF-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com