Part Name
         Description
GPTJ2046

 PHASE CONTROLLED SCR ( 2 Page)


GPSEMI
100% 
Zoom Out Zoom In
   
 1 page
background image
GPTJ2046
PHASE CONTROLLED SCR
High reliability operation
DC power supply
AC drives
VOLTAGE UP TO
2000 V
AVERAGE CURRENT
465 A
SURGE CURRENT
7 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
2000 V
VRSM
Non-repetitive peak reverse voltage
2100 V
VDRM
Repetitive peak off-state voltage
2000 V
IDRM
Repetitive peak off-state current, max.
VDRM, single phase, half wave, Tj = Tjmax
30 mA
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
30 mA
ON-STATE CHARACTERISTICS
IT(AV)
Average on-state current
Sine wave,180° conduction, Th = 55 °C
465 A
IT(RMS)
R.M.S. on-state current
Sine wave,180° conduction, Th = 55 °C
730 A
ITSM
Surge on-state current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
7kA
I²t
I² t for fusing coordination
245 kA²s
VT(TO)
Threshold voltage
Tj = Tjmax
1,1 V
rT
On-state slope resistance
Tj = Tjmax
0,89 m
VTM
Peak on-state voltage, max
On-state current IT = 1000 A , Tj = 25 °C
1,82 V
IH
Holding current, max
Tj = 25 °C
150 mA
IL
Latching current, typ
Tj = 25 °C
300 mA
TRIGGERING CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 5 V
3V
IGT
Gate trigger current
Tj = 25 °C, VD = 5 V
300 mA
VGD
Non-trigger voltage
VD = 67% VRRM, Tj = Tjmax
0,25 V
PGM
Peak gate power dissipation
Pulse width 0.5 ms
100 W
PG(AV)
Average gate power dissipation
5W
IFGM
Peak gate current
20 A
VFGM
Peak gate voltage (forward)
10 V
VRGM
Peak gate voltage (reverse)
3V
SWITCHING CHARACTERISTICS
di/dt
Critical rate of rise of on-state current
Tj = Tjmax
200 A/µs
dV/dt
Critical rate of rise of off-state voltage
Tj = Tjmax
1000 V/µs
tq
Turn-off time, typ
Tj = Tjmax, IT = 320 A, di/dt = -12.5 A/µs
250 µs
VR = 100 V, VD = 67% VDRM, dV/dt = 20 V/µs
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0,056 °C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0,015 °C/W
Tjmax
Max operating junction temperature
125 °C
Tstg
Storage temperature
-40 / 125 °C
F
Clamping force ± 10%
7kN
Mass
180 g
Document GPTJ2046T001
Value
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GPTG2044PHASE CONTROLLED SCR 1 2 Green Power Solutions srl
GPTG2072PHASE CONTROLLED SCR 1 2 Green Power Solutions srl
GETG0062PHASE CONTROLLED SCR 1 2 Green Power Solutions srl
GETG0105PHASE CONTROLLED SCR 1 2 Green Power Solutions srl
GETG0130PHASE CONTROLLED SCR 1 2 Green Power Solutions srl
GETG2043PHASE CONTROLLED SCR 1 2 Green Power Solutions srl
GPTR3190PHASE CONTROLLED SCR 1 2 List of Unclassifed Manufacturers
GETG2064PHASE CONTROLLED SCR 1 Green Power Solutions srl
GPTR4154PHASE CONTROLLED SCR 1 2 List of Unclassifed Manufacturers
40TPS16PBFPHASE CONTROL SCR Lead-Free 1 2 3 4 5 MoreInternational Rectifier

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl