Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3425EUH Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3425EUH
Description  5A, 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3425EUH Datasheet(HTML) 5 Page - Linear Technology

  LTC3425EUH Datasheet HTML 1Page - Linear Technology LTC3425EUH Datasheet HTML 2Page - Linear Technology LTC3425EUH Datasheet HTML 3Page - Linear Technology LTC3425EUH Datasheet HTML 4Page - Linear Technology LTC3425EUH Datasheet HTML 5Page - Linear Technology LTC3425EUH Datasheet HTML 6Page - Linear Technology LTC3425EUH Datasheet HTML 7Page - Linear Technology LTC3425EUH Datasheet HTML 8Page - Linear Technology LTC3425EUH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC3425
5
3425f
TYPICAL PERFOR A CE CHARACTERISTICS
Converter Efficiency
for VOUT = 3.3V
Converter Efficiency for 2-, 3- and
4-Phase Operation
Efficiency Comparison of
Discontinuous Mode and Forced
Continuous Mode at Light Loads
for VIN = 2.4V, VOUT = 3.3V
Converter No Load Input Current
vs VIN (Burst Mode Operation)
Oscillator Frequency
Peak Current Limit
OUTPUT CURRENT (mA)
0.1
1
70
80
90
10
100
1000
10000
3425 G11
60
50
40
30
20
10
0
100
VIN = 2.4V
VIN = 1.2V
VIN = 1.2V
VIN = 2.4V
TA = 25°C
Burst Mode OPERATION
1MHz/PHASE
OUTPUT CURRENT (mA)
0.1
1
70
80
90
10
100
1000
10000
3425 G12
60
0
10
20
30
40
50
100
TA = 25°C
VIN = 3.3V
VIN = 3.3V
VIN = 2.4V
VIN = 2.4V
Burst Mode OPERATION
1MHz/PHASE
Converter Efficiency
for VOUT = 5V
LOAD (mA)
100
80
84
82
86
88
90
92
94
96
1000
10000
3425 G13
98
4 PHASE
TA = 25°C
VIN = 2.4V
VOUT = 3.3V
1MHz/PHASE
3 PHASE
2 PHASE
CONVERTER OUTPUT CURRENT (mA)
1
40
50
60
70
80
10
100
1000
3425 G14
30
20
10
0
90
100
TA = 25°C
1MHz/PHASE
DISCONTINUOUS
MODE
FORCED
CONTINUOUS
MODE
LOAD (mA)
1
40
50
60
70
80
10
100
1000
3425 G15
30
20
10
0
90
100
TA = 25°C
1MHz/PHASE
DISCONTINUOUS
MODE
FORCED
CONTINUOUS
MODE
Efficiency Comparison of
Discontinuous Mode and Forced
Continuous Mode at Light Loads
for VIN = 3.3V, VOUT = 5V
VIN (V)
1.5
140
120
100
80
60
40
20
0
3.0
4.0
3425 G16
2.0
2.5
3.5
4.5
TA = 25°C
VOUT = 3.3V
VOUT = 5V
RT (kΩ)
1
1
10
10
100
3425 G17
TA = 25°C
ILIM RESISTOR (kΩ)
60
1.4
1.6
1.8
120
160
3425 G18
1.2
1.0
80
100
140
180
200
0.8
0.6
TA = 25°C
Effective RDS(ON)
VOUT (V)
2.5
0.065
0.060
0.055
0.050
0.045
0.040
4.5
3425 G19
3
3.5
4
5
TA = 25°C
PMOS
NMOS


Similar Part No. - LTC3425EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3425 LINER-LTC3425_15 Datasheet
282Kb / 24P
   5A, 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter
More results

Similar Description - LTC3425EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3425 LINER-LTC3425_15 Datasheet
282Kb / 24P
   5A, 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
   DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
logo
Linear Technology
LTC3124 LINER-LTC3124_15 Datasheet
650Kb / 28P
   15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3124 LINER-LTC3124 Datasheet
650Kb / 28P
   15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
   PFM Synchronous Step-up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
   Step-Up Synchronous PFM DC/DC Converter
logo
Global Mixed-mode Techn...
G5676 GMT-G5676 Datasheet
39Kb / 1P
   5A Synchronous Step-Down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com