Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3425EUH Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3425EUH
Description  5A, 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3425EUH Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3425EUH Datasheet HTML 7Page - Linear Technology LTC3425EUH Datasheet HTML 8Page - Linear Technology LTC3425EUH Datasheet HTML 9Page - Linear Technology LTC3425EUH Datasheet HTML 10Page - Linear Technology LTC3425EUH Datasheet HTML 11Page - Linear Technology LTC3425EUH Datasheet HTML 12Page - Linear Technology LTC3425EUH Datasheet HTML 13Page - Linear Technology LTC3425EUH Datasheet HTML 14Page - Linear Technology LTC3425EUH Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC3425
11
3425f
OPERATIO
DETAILED DESCRIPTION
The LTC3425 provides high efficiency, low noise power
for high current boost applications such as cellular phones
and PDAs. The true output disconnect feature eliminates
inrush current and allows VOUT to go to zero during
shutdown. The current mode architecture with adaptive
slope compensation provides ease of loop compensation
with excellent transient load response. The low RDS(ON),
low gate charge synchronous switches eliminate the need
for an external Schottky rectifier, and provide efficient high
frequency pulse width modulation (PWM) control. High
efficiency is achieved at light loads when Burst Mode
operation is entered, where the IC’s quiescent current is a
low 12
µA typical on VOUT.
MULTIPHASE OPERATION
The LTC3425 uses a 4-phase architecture, rather than the
conventional single phase of other boost converters. By
having multiple phases equally spaced (90
° apart), not
only is the output ripple frequency increased by a factor of
four, but the output capacitor ripple current is greatly
reduced. Although this architecture requires four induc-
tors, rather than a single inductor, there are a number of
important advantages.
• Much lower peak inductor current allows the use of
smaller, lower cost inductors.
• Greatly reduced output ripple current minimizes output
capacitance requirement.
• Higher frequency output ripple is easier to filter for low
noise applications.
• Input ripple current is also reduced for lower noise on
VIN.
The peak boost inductor current is given by:
I
I
DN
di
LPEAK
O
=+
(– ) •
12
Where IO is the average load current, D is the PWM duty
cycle, N is the number of phases and di is the inductor
ripple current. This relationship is shown graphically in
Figure 1 using a single phase and a 4-phase example.
Example:
The following example, operating at 50% duty cycle,
illustrates the advantages of multiphase operation over a
conventional single-phase design.
VIN = 1.9V, VOUT = 3.6V, Efficiency = 90% (approx),
IOUT = 2A, Frequency = 1MHz, L = 2.2µH
Table 1
SINGLE
FOUR
CHANGE FROM
PARAMETER
PHASE
PHASE
1 TO 4 PHASE
Peak-Peak Output
4.227A
0.450A
Reduced by 89%
Ripple Current
RMS Output Ripple Current
2.00A
0.184A
Reduced by 91%
Peak Inductor Current
4.227A
1.227A
Reduced by 71%
Output Ripple Frequency
1MHz
4MHz
Increased by 4
×
With 4-phase operation, at least one of the phases will be
delivering current to the load whenever VIN is greater than
one quarter VOUT (duty cycles less than 75%). For lower
duty cycles, there can be as many as two or three phases
delivering load current simultaneously. This greatly re-
duces both the output ripple current and the peak current
in each inductor, compared with a single-phase converter.
This is illustrated in the waveforms of Figures 2 and 3.
Operation Using Only Two or Three Phases
The LTC3425 can operate as a 2- or 3-phase converter by
simply eliminating the inductor from the unused phase(s).
TIME (
µs)
0
2
FOUR PHASE
SINGLE
PHASE
3
3425 F01
1
0
0.5
1
1.5
5
4
Figure 1. Comparison of Output Ripple Current with Single
Phase and 4-Phase Boost Converter in a 2A Load Application
Operating at 50% Duty Cycle


Similar Part No. - LTC3425EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3425 LINER-LTC3425_15 Datasheet
282Kb / 24P
   5A, 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter
More results

Similar Description - LTC3425EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3425 LINER-LTC3425_15 Datasheet
282Kb / 24P
   5A, 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
   DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
logo
Linear Technology
LTC3124 LINER-LTC3124_15 Datasheet
650Kb / 28P
   15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3124 LINER-LTC3124 Datasheet
650Kb / 28P
   15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
   PFM Synchronous Step-up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
   Step-Up Synchronous PFM DC/DC Converter
logo
Global Mixed-mode Techn...
G5676 GMT-G5676 Datasheet
39Kb / 1P
   5A Synchronous Step-Down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com