Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3412AIFE-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3412AIFE-TRPBF
Description  3A, 4MHz, Monolithic Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412AIFE-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3412AIFE-TRPBF Datasheet HTML 1Page - Linear Technology LTC3412AIFE-TRPBF Datasheet HTML 2Page - Linear Technology LTC3412AIFE-TRPBF Datasheet HTML 3Page - Linear Technology LTC3412AIFE-TRPBF Datasheet HTML 4Page - Linear Technology LTC3412AIFE-TRPBF Datasheet HTML 5Page - Linear Technology LTC3412AIFE-TRPBF Datasheet HTML 6Page - Linear Technology LTC3412AIFE-TRPBF Datasheet HTML 7Page - Linear Technology LTC3412AIFE-TRPBF Datasheet HTML 8Page - Linear Technology LTC3412AIFE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3412A
1
3412afc
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
Point-of-Load Regulation
Notebook Computers
Portable Instruments
Distributed Power Systems
High Efficiency: Up to 95%
3A Output Current
Low Quiescent Current: 64μA
Low RDS(ON) Internal Switch: 77mΩ
2.25V to 5.5V Input Voltage Range
Programmable Frequency: 300KHz to 4MHz
±2% Output Voltage Accuracy
0.8V Reference Allows Low Output Voltage
Selectable Forced Continuous/Burst Mode® Operation
with Adjustable Burst Clamp
Synchronizable Switching Frequency
Low Dropout Operation: 100% Duty Cycle
Power Good Output Voltage Monitor
Overtemperature Protected
Available in 16-Lead Exposed Pad TSSOP and
QFN Packages
3A, 4MHz, Monolithic
Synchronous Step-Down Regulator
The LTC®3412A is a high efficiency monolithic synchro-
nous, step-down DC/DC converter utilizing a constant
frequency, current mode architecture. It operates from
an input voltage range of 2.25V to 5.5V and provides a
regulated output voltage from 0.8V to 5V while deliver-
ing up to 3A of output current. The internal synchronous
power switch with 77mΩ on-resistance increases efficiency
and eliminates the need for an external Schottky diode.
Switching frequency is set by an external resistor or can
be synchronized to an external clock. 100% duty cycle
provides low dropout operation extending battery life in
portable systems. OPTI-LOOP® compensation allows the
transient response to be optimized over a wide range of
loads and output capacitors.
The LTC3412A can be configured for either Burst Mode
operation or forced continuous operation. Forced continu-
ous operation reduces noise and RF interference while
Burst Mode operation provides high efficiency by reducing
gate charge losses at light loads. In Burst Mode operation,
external control of the burst clamp level allows the output
voltage ripple to be adjusted according to the application
requirements.
3412A F01a
SYNC/MODE
VFB
PGOOD
SW
PGND
SGND
RT
RUN/SS
ITH
SVIN
PVIN
LTC3412A
294k
22μF
COUT
100μF
×2
0.47μH
VOUT
2.5V AT 3A
VIN
3.3V
1000pF
2.2M
820pF
12.1k
115k
69.8k
392k
Efficiency and Power Loss
Figure 1. 2.5V/3A Step-Down Regulator
LOAD CURRENT (A)
0.01
100
95
90
85
80
75
70
65
60
55
50
100000
10000
1000
100
10
1
0.1
1
10
3412A F01b
EFFICIENCY
POWER LOSS
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode and OPTI-LOOP are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 6580258, 6304066, 6127815, 6498466,
6611131, 6724174.


Similar Part No. - LTC3412AIFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412A LINER-LTC3412A Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3412A LINER-LTC3412A Datasheet
481Kb / 20P
   짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
logo
Analog Devices
LTC3412A AD-LTC3412A Datasheet
3Mb / 26P
   5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
LTC3412A AD-LTC3412A Datasheet
2Mb / 20P
   5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
LTC3412A AD-LTC3412A Datasheet
1Mb / 16P
   1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
Rev. 0
More results

Similar Description - LTC3412AIFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com