Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3412IFE Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3412IFE
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412IFE Datasheet(HTML) 2 Page - Linear Technology

  LTC3412IFE Datasheet HTML 1Page - Linear Technology LTC3412IFE Datasheet HTML 2Page - Linear Technology LTC3412IFE Datasheet HTML 3Page - Linear Technology LTC3412IFE Datasheet HTML 4Page - Linear Technology LTC3412IFE Datasheet HTML 5Page - Linear Technology LTC3412IFE Datasheet HTML 6Page - Linear Technology LTC3412IFE Datasheet HTML 7Page - Linear Technology LTC3412IFE Datasheet HTML 8Page - Linear Technology LTC3412IFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3412
2
3412fb
Input Supply Voltage ...................................– 0.3V to 6V
ITH, RUN, VFB Voltages ............................... – 0.3V to VIN
SYNC/MODE Voltages ................................ – 0.3V to VIN
SW Voltage ................................... – 0.3V to (VIN + 0.3V)
Peak SW Sink and Source Current ......................... 6.5A
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3412EFE
LTC3412IFE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
1
2
3
4
5
6
7
8
TOP VIEW
FE PACKAGE
16-LEAD PLASTIC TSSOP
16
15
14
13
12
11
10
9
SVIN
PGOOD
ITH
VFB
RT
SYNC/MODE
RUN/SS
SGND
PVIN
SW
SW
PGND
PGND
SW
SW
PVIN
17
FE PART MARKING
3412EFE
3412IFE
EXPOSED PAD (PIN 17) IS SGND, MUST BE SOLDERED TO PCB
TJMAX = 125°C, θJA = 37.6°C/W, θJC = 10°C/W
Operating Temperature
Range (Note 2) ....................................... – 40°C to 85°C
Junction Temperature (Note 5) ............................. 125°C
Lead Temperature (Soldering, 10 sec)
TSSOP .............................................................. 300°C
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
LTC3412EUF
UF PART MARKING
3412
EXPOSED PAD (PIN 17) IS SGND, MUST BE SOLDERED TO PCB
TJMAX = 125°C, θJA = 34°C/W, θJC = 1°C/W
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm × 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
RUN/SS
SGND
PVIN
SW
PGOOD
SVIN
PVIN
SW
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SVIN
Signal Input Voltage Range
2.625
5.5
V
VFB
Regulated Feedback Voltage
(Note 3)
0.784
0.800
0.816
V
IFB
Voltage Feedback Leakage Current
0.1
0.4
μA
ΔVFB
Reference Voltage Line Regulation
VIN = 2.7V to 5.5V (Note 3)
0.04
0.2
%/V
VLOADREG
Output Voltage Load Regulation
Measured in Servo Loop, VITH = 0.36V
0.02
0.2
%
Measured in Servo Loop, VITH = 0.84V
– 0.02
– 0.2
%
ΔVPGOOD
Power Good Range
±7.5
±9%
RPGOOD
Power Good Pull-Down Resistance
120
200
Ω
IQ
Input DC Bias Current
(Note 4)
Active Current
VFB = 0.78V, VITH = 1V
250
330
μA
Sleep
VFB = 1V, VITH = 0V
62
80
μA
Shutdown
VRUN = 0V, VMODE = 0V
0.02
1
μA


Similar Part No. - LTC3412IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
229Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC3412 LINER-LTC3412 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3412IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com