Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3410ESC6-1.8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3410ESC6-1.8
Description  2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3410ESC6-1.8 Datasheet(HTML) 5 Page - Linear Technology

  LTC3410ESC6-1.8 Datasheet HTML 1Page - Linear Technology LTC3410ESC6-1.8 Datasheet HTML 2Page - Linear Technology LTC3410ESC6-1.8 Datasheet HTML 3Page - Linear Technology LTC3410ESC6-1.8 Datasheet HTML 4Page - Linear Technology LTC3410ESC6-1.8 Datasheet HTML 5Page - Linear Technology LTC3410ESC6-1.8 Datasheet HTML 6Page - Linear Technology LTC3410ESC6-1.8 Datasheet HTML 7Page - Linear Technology LTC3410ESC6-1.8 Datasheet HTML 8Page - Linear Technology LTC3410ESC6-1.8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC3410
3410fb
200
µs/DIV
RUN
2V/DIV
VOUT
1V/DIV
IL
200mA/DIV
3410 G19
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A
TYPICAL PERFOR A CE CHARACTERISTICS
(From Figure 1 Except for the Resistive Divider Resistor Values)
Start-Up from Shutdown
Load Step
Load Step
200
µs/DIV
RUN
2V/DIV
IL
200mA/DIV
VOUT
1V/DIV
3410 G16
VIN = 3.6V
VOUT = 1.8V
ILOAD = 300mA
10
µs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
200mA/DIV
ILOAD
200mA/DIV
3410 G17
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0mA TO 300mA
10
µs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
200mA/DIV
ILOAD
200mA/DIV
3410 G18
VIN = 3.6V
VOUT = 1.8V
ILOAD = 20mA TO 300mA
2
µs/DIV
SW
5V/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 10mA
IL
100mA/DIV
VOUT
50mV/DIV
AC COUPLED
3410 G15
Switch Leakage vs Input Voltage
INPUT VOLTAGE (V)
0
200
500
550
600
2
4
5
3410 G14
100
400
300
150
450
50
0
350
250
1
3
6
MAIN
SWITCH
SYNCHRONOUS
SWITCH
Burst Mode Operation
Start-Up from Shutdown


Similar Part No. - LTC3410ESC6-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3410ESC6-1.8 LINER-LTC3410ESC6-1.8 Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
LTC3410ESC6-1.875 LINER-LTC3410ESC6-1.875 Datasheet
232Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410ESC6-1.875 LINER-LTC3410ESC6-1.875 Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
More results

Similar Description - LTC3410ESC6-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3410-1.875 LINER-LTC3410-1.875_15 Datasheet
238Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410-1.875 LINER-LTC3410-1.875 Datasheet
232Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410_15 Datasheet
337Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B_15 Datasheet
295Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B Datasheet
290Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3406B-2 LINER-LTC3406B-2 Datasheet
213Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com