Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3410BESC6-1.5 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3410BESC6-1.5
Description  2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3410BESC6-1.5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3410BESC6-1.5 Datasheet HTML 4Page - Linear Technology LTC3410BESC6-1.5 Datasheet HTML 5Page - Linear Technology LTC3410BESC6-1.5 Datasheet HTML 6Page - Linear Technology LTC3410BESC6-1.5 Datasheet HTML 7Page - Linear Technology LTC3410BESC6-1.5 Datasheet HTML 8Page - Linear Technology LTC3410BESC6-1.5 Datasheet HTML 9Page - Linear Technology LTC3410BESC6-1.5 Datasheet HTML 10Page - Linear Technology LTC3410BESC6-1.5 Datasheet HTML 11Page - Linear Technology LTC3410BESC6-1.5 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC3410B
3410bfa
The basic LTC3410B application circuit is shown in Fig-
ure 1. External component selection is driven by the load
requirement and begins with the selection of L followed by
CIN and COUT.
Inductor Selection
For most applications, the value of the inductor will fall in
the range of 2.2
µH to 4.7µH. Its value is chosen based on
the desired ripple current. Large value inductors lower
ripple current and small value inductors result in higher
ripple currents. Higher VIN or VOUT also increases the ripple
current as shown in Equation 1. A reasonable starting point
for setting ripple current is
∆IL = 120mA (40% of 300mA).
∆ = ()( )
⎝⎜
⎠⎟
I
fL
V
V
V
L
OUT
OUT
IN
1
1
(1)
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 360mA rated
inductor should be enough for most applications (300mA
+ 60mA). For better efficiency, choose a low DC-resistance
inductor.
APPLICATIO S I FOR ATIO
Inductor Core Selection
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Tor-
oid or shielded pot cores in ferrite or permalloy materials
are small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
electrical characteristics. The choice of which style induc-
tor to use often depends more on the price vs size require-
ments and any radiated field/EMI requirements than on
what the LTC3410B requires to operate. Table 1 shows
some typical surface mount inductors that work well in
LTC3410B applications.
Table 1. Representative Surface Mount Inductors
MAX DC
MANUFACTURER PART NUMBER
VALUE CURRENT DCR HEIGHT
Taiyo Yuden
CB2016T2R2M
2.2
µH 510mA 0.13Ω 1.6mm
CB2012T2R2M
2.2
µH 530mA 0.33Ω 1.25mm
LBC2016T3R3M
3.3
µH 410mA 0.27Ω 1.6mm
Panasonic
ELT5KT4R7M
4.7
µH 950mA 0.2Ω 1.2mm
Sumida
CDRH2D18/LD
4.7
µH 630mA 0.086Ω 2mm
Murata
LQH32CN4R7M23 4.7
µH 450mA 0.2Ω 2mm
Taiyo Yuden
NR30102R2M
2.2
µH 1100mA 0.1Ω 1mm
NR30104R7M
4.7
µH 750mA 0.19Ω 1mm
FDK
FDKMIPF2520D
4.7
µH 1100mA 0.11Ω 1mm
FDKMIPF2520D
3.3
µH 1200mA 0.1Ω 1mm
FDKMIPF2520D
2.2
µH 1300mA 0.08Ω 1mm
CIN and COUT Selection
In continuous mode, the source current of the top MOS-
FET is a square wave of duty cycle VOUT/VIN. To prevent
large voltage transients, a low ESR input capacitor sized
for the maximum RMS current must be used. The maxi-
mum RMS capacitor current is given by:
CI
VV
V
IN
OMAX
OUT
IN
OUT
required IRMS
()
⎡⎣
⎤⎦
1/2
2
VIN
Figure 1. High Efficiency Step-Down Converter
VIN
CIN
2.2
µF
CER
VIN
2.7V
TO 5.5V
LTC3410B
RUN
4.7
µH
10pF
232k
464k
3410 F01
SW
VFB
GND
COUT
2.2
µF
CER
VOUT
1.2V


Similar Part No. - LTC3410BESC6-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3410B LINER-LTC3410B Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3410B LINER-LTC3410B Datasheet
295Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B_15 Datasheet
295Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
More results

Similar Description - LTC3410BESC6-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3410-1.875 LINER-LTC3410-1.875_15 Datasheet
238Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410-1.875 LINER-LTC3410-1.875 Datasheet
232Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410_15 Datasheet
337Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B_15 Datasheet
295Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3406B-2 LINER-LTC3406B-2 Datasheet
213Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com