Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3407AEMSE-2-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3407AEMSE-2-PBF
Description  Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407AEMSE-2-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3407AEMSE-2-PBF Datasheet HTML 1Page - Linear Technology LTC3407AEMSE-2-PBF Datasheet HTML 2Page - Linear Technology LTC3407AEMSE-2-PBF Datasheet HTML 3Page - Linear Technology LTC3407AEMSE-2-PBF Datasheet HTML 4Page - Linear Technology LTC3407AEMSE-2-PBF Datasheet HTML 5Page - Linear Technology LTC3407AEMSE-2-PBF Datasheet HTML 6Page - Linear Technology LTC3407AEMSE-2-PBF Datasheet HTML 7Page - Linear Technology LTC3407AEMSE-2-PBF Datasheet HTML 8Page - Linear Technology LTC3407AEMSE-2-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3407A-2
1
3407a2f
High Efficiency: Up to 95%
Low Ripple (<35mVPK-PK) Burst Mode Operation;
IQ = 40μA
2.25MHz Constant Frequency Operation
No Schottky Diodes Required
Low RDS(ON) Internal Switches: 0.35Ω
Current Mode Operation for Excellent Line
and Load Transient Response
Short-Circuit Protected
Low Dropout Operation: 100% Duty Cycle
Ultralow Shutdown Current: IQ <1μA
Output Voltages from 5V down to 0.6V
Power-On Reset Output
Externally Synchronizable Oscillator
Optional External Soft-Start
Small Thermally Enhanced MSOP and 3mm
× 3mm
DFN Packages
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
PDAs/Palmtop PCs
Digital Cameras
Cellular Phones
Wireless and DSL Modems
Dual Synchronous 800mA,
2.25MHz Step-Down
DC/DC Regulator
The LTC
®3407A-2 is a dual, constant frequency, synchro-
nous step-down DC/DC converter. Intended for low power
applications, it operates from a 2.5V to 5.5V input voltage
range and has a constant 2.25MHz switching frequency,
enabling the use of tiny, low cost capacitors and inductors
1mm or less in height. Each output voltage is adjustable
from 0.6V to 5V. Internal synchronous 0.35
Ω, 1A power
switches provide high efficiency without the need for
external Schottky diodes.
A user selectable mode input is provided to allow the user
to trade-off ripple noise for low power efficiency. Burst
Mode
® operation provides the highest efficiency at light
loads, while Pulse Skip Mode provides the lowest ripple
noise at light loads.
To further maximize battery life, the P-channel MOSFETs
are turned on continuously in dropout (100% duty cycle),
and both channels draw a total quiescent current of only
40
μA. In shutdown, the device draws <1μA.
Efficiency/Power Loss Curve
1mm High 2.5V/1.8V at 800mA Step-Down Regulators
RUN/SS2
VIN
VIN = 2.5V
TO 5.5V
VOUT2 = 2.5V
AT 800mA
VOUT1 = 1.8V
AT 800mA
RUN/SS1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3407A-2
10
μF
100k
RESET
22pF
22pF
2.2
μH
2.2
μH
887k
887k
442k
280k
10
μF
10
μF
3407A2 TA01
, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners. Protected by
U.S. Patents including 5481178, 6580258, 6304066, 6127815, 6498466, 6611131.
LOAD CURRENT (mA)
1
0
30
20
10
70
60
50
40
100
0.0001
0.001
0.1
0.01
1
90
80
10
100
1000
3407A2 TA02
2.5V
VIN = 3.3V
Burst Mode OPERATION
NO LOAD ON OTHER CHANNEL
1.8V


Similar Part No. - LTC3407AEMSE-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407AEMSE-PBF LINER-LTC3407AEMSE-PBF Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407AEMSE-TRPBF LINER-LTC3407AEMSE-TRPBF Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407AEMSE-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com