Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3407AEDD-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3407AEDD-PBF
Description  Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407AEDD-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3407AEDD-PBF Datasheet HTML 2Page - Linear Technology LTC3407AEDD-PBF Datasheet HTML 3Page - Linear Technology LTC3407AEDD-PBF Datasheet HTML 4Page - Linear Technology LTC3407AEDD-PBF Datasheet HTML 5Page - Linear Technology LTC3407AEDD-PBF Datasheet HTML 6Page - Linear Technology LTC3407AEDD-PBF Datasheet HTML 7Page - Linear Technology LTC3407AEDD-PBF Datasheet HTML 8Page - Linear Technology LTC3407AEDD-PBF Datasheet HTML 9Page - Linear Technology LTC3407AEDD-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3407A
6
3407afa
PIN FUNCTIONS
SW2 (Pin 7): Regulator 2 Switch Node Connection to the
Inductor. This pin swings from VIN to GND.
POR (Pin 8): Power-On Reset. This common-drain logic
output is pulled to GND when the output voltage is not
within ±8.5% of regulation and goes high after 216 clock
cycles when both channels are within regulation.
RUN/SS2 (Pin 9): Regulator 2 Enable and Soft-Start Input.
Forcing this pin to VIN enables regulator 2, while forcing it
to GND causes regulator 2 to shut down. Connect external
BLOCK DIAGRAM
RC-Network with desired time-constant to enable soft-start
feature. This pin must be driven; do not float.
VFB2 (Pin 10): Output Feedback. Receives the feedback
voltage from the external resistive divider across the output.
Nominal voltage for this pin is 0.6V.
Exposed Pad (GND) (Pin 11): Power Ground. Connect to
the (–) terminal of COUT, and (–) terminal of CIN. Must be
soldered to electrical ground on PCB.
1
2
9
10
8
3
4
11
5
+
+
+
+
EA
UVDET
OVDET
0.6V
7
0.65V
0.55V
+
0.65V
UV
OV
ITH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
S
R
Q
Q
RS
LATCH
BURST
ICOMP
IRCMP
ANTI
SHOOT-
THRU
BURST
CLAMP
SLOPE
COMP
EN
SLEEP
POR
COUNTER
0.6V REF
OSC
OSC
REGULATOR 2 (IDENTICAL TO REGULATOR 1)
PGOOD1
PGOOD2
SHUTDOWN
VIN
VIN
VIN
6
REGULATOR 1
SW1
GND
POR
GND
SW2
MODE/SYNC
VFB1
RUN/SS1
RUN/SS2
VFB2


Similar Part No. - LTC3407AEDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407AEDD-2 LINER-LTC3407AEDD-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407AEDD-2-PBF LINER-LTC3407AEDD-2-PBF Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407AEDD-2-TR LINER-LTC3407AEDD-2-TR Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407AEDD-2-TRPBF LINER-LTC3407AEDD-2-TRPBF Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407AEDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
   1.5MHz, 600mA, DC/DC Step-Down Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com