Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3407A-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3407A-2
Description  Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407A-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC3407A-2 Datasheet HTML 1Page - Linear Technology LTC3407A-2 Datasheet HTML 2Page - Linear Technology LTC3407A-2 Datasheet HTML 3Page - Linear Technology LTC3407A-2 Datasheet HTML 4Page - Linear Technology LTC3407A-2 Datasheet HTML 5Page - Linear Technology LTC3407A-2 Datasheet HTML 6Page - Linear Technology LTC3407A-2 Datasheet HTML 7Page - Linear Technology LTC3407A-2 Datasheet HTML 8Page - Linear Technology LTC3407A-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3407A-2
2
3407a2f
VIN Voltage ..................................................– 0.3V to 6V
VFB1, VFB2 Voltages...................................–0.3V to 1.5V
RUN/SS1, RUN/SS2 Voltages ..................... – 0.3V to VIN
MODE/SYNC Voltage .................................. – 0.3V to VIN
SW1, SW2 Voltages ....................... – 0.3V to VIN + 0.3V
POR Voltage ................................................– 0.3V to 6V
ABSOLUTE
AXI U
RATI GS
(Note 1)
Operating Temperature Range (Note 2)
LTC3407AE-2 ..................................... – 40
°C to 85°C
LTC3407AI-2 .................................... – 40
°C to 125°C
Junction Temperature (Note 5) ............................. 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)
LTC3407AEMSE-2 ............................................ 300
°C
LTC3407AIMSE-2 ............................................. 300
°C
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS PGND, MUST BE CONNECTED TO GND
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3407AEDD-2#PBF
LTC3407AEDD-2#TRPBF
LDDH
10-Lead (3mm
× 3mm) Plastic DFN
– 40
°C to 85°C
LTC3407AEMSE-2#PBF
LTC3407AEMSE-2#TRPBF
LTDDJ
10-Lead Plastic MSOP
– 40
°C to 85°C
LTC3407AIDD-2#PBF
LTC3407AIDD-2#TRPBF
LDDH
10-Lead (3mm
× 3mm) Plastic DFN
– 40
°C to 125°C
LTC3407AIMSE-2#PBF
LTC3407AIMSE-2#TRPBF
LTDDJ
10-Lead Plastic MSOP
– 40
°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3407AEDD-2
LTC3407AEDD-2#TR
LDDH
10-Lead (3mm
× 3mm) Plastic DFN
– 40
°C to 85°C
LTC3407AEMSE-2
LTC3407AEMSE-2#TR
LTDDJ
10-Lead Plastic MSOP
– 40
°C to 85°C
LTC3407AIDD-2
LTC3407AIDD-2#TR
LDDH
10-Lead (3mm
× 3mm) Plastic DFN
– 40
°C to 125°C
LTC3407AIMSE-2
LTC3407AIMSE-2#TR
LTDDJ
10-Lead Plastic MSOP
– 40
°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PI CO FIGURATIO
ORDER I FOR ATIO
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS PGND, MUST BE CONNECTED TO GND
TOP VIEW
1
2
3
4
5
VFB1
RUN/SS1
VIN
SW1
GND
10
9
8
7
6
VFB2
RUN/SS2
POR
SW2
MODE/SYNC
11
MSE PACKAGE
10-LEAD PLASTIC MSOP
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VFB2
RUN/SS2
POR
SW2
MODE/SYNC
VFB1
RUN/SS1
VIN
SW1
GND
11


Similar Part No. - LTC3407A-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407A-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com