Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3406AES5-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3406AES5-PBF
Description  1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406AES5-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3406AES5-PBF Datasheet HTML 1Page - Linear Technology LTC3406AES5-PBF Datasheet HTML 2Page - Linear Technology LTC3406AES5-PBF Datasheet HTML 3Page - Linear Technology LTC3406AES5-PBF Datasheet HTML 4Page - Linear Technology LTC3406AES5-PBF Datasheet HTML 5Page - Linear Technology LTC3406AES5-PBF Datasheet HTML 6Page - Linear Technology LTC3406AES5-PBF Datasheet HTML 7Page - Linear Technology LTC3406AES5-PBF Datasheet HTML 8Page - Linear Technology LTC3406AES5-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3406A
3
3406afa
INPUT VOLTAGE (V)
2
0
10
30
40
50
100
70
3
4
3406A G01
20
80
90
60
5
6
IL = 10mA
IL = 100mA
IL = 600mA
VOUT = 1.8V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3406A G02
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 1.2V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3406A G03
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 2.5V
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3406AE is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3406AI is guaranteed to meet the
specified performance over the full –40°C to 125°C operating temperature
range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3406A: TJ = TA + (PD)(250°C/W)
Note 4: The LTC3406A is tested in a proprietary test mode that connects
VFB to the output of the error amplifier.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 6: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 7: Limited by long term current density considerations.
Efficiency vs Input Voltage
Efficiency vs Load Current
Efficiency vs Load Current
TYPICAL PERFORMANCE CHARACTERISTICS
(From Front Page Figure Except for the Resistive Divider Resistor Values)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RNFET
RDS(ON) of N-Channel FET
ISW = –100mA
0.21
0.35
Ω
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 5V, VIN = 5V
±0.01
±1
μA
tSOFT-START
Soft-Start Time
VFB from 10% to 90% Full-Scale
0.6
0.9
1.2
ms
VRUN
RUN Threshold
0.3
1
1.5
V
IRUN
RUN Leakage Current
±0.01
±1
μA
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise specified.


Similar Part No. - LTC3406AES5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3406A LINEAR-LTC3406A Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC3406A LINER-LTC3406A Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC3406A LINER-LTC3406A Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC3406A LINER-LTC3406A Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC3406A LINER-LTC3406A Datasheet
303Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results

Similar Description - LTC3406AES5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB Datasheet
307Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B_15 Datasheet
241Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B Datasheet
231Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2_15 Datasheet
238Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A_15 Datasheet
303Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2_15 Datasheet
274Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com