Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3405AES6 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3405AES6
Description  1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405AES6 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3405AES6 Datasheet HTML 4Page - Linear Technology LTC3405AES6 Datasheet HTML 5Page - Linear Technology LTC3405AES6 Datasheet HTML 6Page - Linear Technology LTC3405AES6 Datasheet HTML 7Page - Linear Technology LTC3405AES6 Datasheet HTML 8Page - Linear Technology LTC3405AES6 Datasheet HTML 9Page - Linear Technology LTC3405AES6 Datasheet HTML 10Page - Linear Technology LTC3405AES6 Datasheet HTML 11Page - Linear Technology LTC3405AES6 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC3405A
3405afa
APPLICATIO S I FOR ATIO
The basic LTC3405A application circuit is shown in Fig-
ure 1. External component selection is driven by the load
requirement and begins with the selection of L followed by
CIN and COUT.
Inductor Selection
For most applications, the value of the inductor will fall in
the range of 2.2µH to 10µH. Its value is chosen based on
the desired ripple current. Large value inductors lower
ripple current and small value inductors result in higher
ripple currents. Higher VIN or VOUT also increases the ripple
current as shown in equation 1. A reasonable starting point
for setting ripple current is ∆IL = 120mA (40% of 300mA).
∆ =
()( )
I
fL
V
V
V
L
OUT
OUT
IN
1
1
(1)
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 360mA rated
inductor should be enough for most applications (300mA
+ 60mA). For better efficiency, choose a low DC-resistance
inductor.
The inductor value also has an effect on Burst Mode
operation. The transition to low current operation begins
when the inductor current peaks fall to approximately
100mA. Lower inductor values (higher ∆IL) will cause this
to occur at lower load currents, which can cause a dip in
efficiency in the upper range of low current operation. In
Burst Mode operation, lower inductance values will cause
the burst frequency to increase.
Inductor Core Selection
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Tor-
oid or shielded pot cores in ferrite or permalloy materials
are small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
Table 1. Representative Surface Mount Inductors
MAX DC
MANUFACTURER PART NUMBER
VALUE CURRENT DCR HEIGHT
Taiyo Yuden
LB2016T2R2M
2.2µH
315mA
0.13Ω 1.6mm
LB2012T2R2M
2.2µH
240mA
0.23Ω 1.25mm
LB2016T3R3M
3.3µH
280mA
0.2Ω 1.6mm
Panasonic
ELT5KT4R7M
4.7µH
950mA
0.2Ω 1.2mm
Murata
LQH3C4R7M34
4.7µH
450mA
0.2Ω
2mm
Taiyo Yuden
LB2016T4R7M
4.7µH
210mA
0.25Ω 1.6mm
Panasonic
ELT5KT6R8M
6.8µH
760mA
0.3Ω 1.2mm
Panasonic
ELT5KT100M
10µH
680mA
0.36Ω 1.2mm
Sumida
CMD4D116R8MC 6.8µH
620mA
0.23Ω 1.2mm
electrical characteristics. The choice of which style induc-
tor to use often depends more on the price vs size require-
ments and any radiated field/EMI requirements than on
what the LTC3405A requires to operate. Table 1 shows
some typical surface mount inductors that work well in
LTC3405A applications.
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle VOUT/VIN. To prevent large
voltage transients, a low ESR input capacitor sized for the
maximum RMS current must be used. The maximum
RMS capacitor current is given by:
CI
VV
V
V
IN
OMAX
OUT
IN
OUT
IN
required IRMS
()
[]
12
/
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that the capacitor
manufacturer’s ripple current ratings are often based on
2000 hours of life. This makes it advisable to further derate
the capacitor, or choose a capacitor rated at a higher
temperature than required. Always consult the manufac-
turer if there is any question.


Similar Part No. - LTC3405AES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405AES6-1.375 LINER-LTC3405AES6-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405AES6-1.5 LINER-LTC3405AES6-1.5 Datasheet
235Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405AES6-1.8 LINER-LTC3405AES6-1.8 Datasheet
235Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
More results

Similar Description - LTC3405AES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405 LINER-LTC3405 Datasheet
239Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405 LINER-LTC3405_15 Datasheet
244Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A_15 Datasheet
219Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB Datasheet
307Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B_15 Datasheet
241Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com