Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3230EUD-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3230EUD-PBF
Description  5-LED Main/Sub Display Driver with Dual LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3230EUD-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3230EUD-PBF Datasheet HTML 6Page - Linear Technology LTC3230EUD-PBF Datasheet HTML 7Page - Linear Technology LTC3230EUD-PBF Datasheet HTML 8Page - Linear Technology LTC3230EUD-PBF Datasheet HTML 9Page - Linear Technology LTC3230EUD-PBF Datasheet HTML 10Page - Linear Technology LTC3230EUD-PBF Datasheet HTML 11Page - Linear Technology LTC3230EUD-PBF Datasheet HTML 12Page - Linear Technology LTC3230EUD-PBF Datasheet HTML 13Page - Linear Technology LTC3230EUD-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3230
10
3230fa
Charge Pump Soft-Start
In shutdown, CPO is disconnected from VIN and is pulled
downthrougha14.3kresistor.Whenenabled,aweakswitch
connects VIN to CPO. This allows VIN to slowly charge the
CPO output to prevent large charging currents.
The LTC3230 also employs a soft-start feature on its
charge pump to prevent excessive inrush current and
supply droop when switching into the step-up modes. The
current available to the CPO pin is increased linearly over
a typical period of 50μs. Soft-start occurs at the start of
both 1.5x and 2x modes.
Charge Pump Strength and Regulation
Regulation is achieved by sensing the voltage at the CPO
pin and modulating the charge pump strength based
on the error signal. The CPO regulation voltages are set
internally, and are dependent on the charge pump modes
as shown in Table 1.
Table 1. Charge Pump Output Regulation Voltages
CHARGE PUMP MODE
REGULATED VCPO
1.5x
4.5V
2x
5V
When the LTC3230 operates in either 1.5x mode or 2x
mode, the charge pump can be modeled as a Thevenin
equivalent circuit to determine the amount of current
available from the effective input voltage and effective
open-loop output resistance, ROL (Figure 2).
1.5 • VIN – CPO for 1.5x mode and 2 • VIN – CPO for 2x
mode. Consider the example of driving white LEDs from
a 3.1V supply. If the LED forward voltage is 3.8V and the
current sources require 100mV, the advantage voltage for
1.5x mode is 3.1V • 1.5 – 3.8V – 0.1V or 750mV. Notice
that if the input voltage is raised to 3.2V, the advantage
voltage jumps to 900mV – a 20% improvement in avail-
able strength.
From Figure 2, for 1.5x mode the available current is
given by:
I
VV
R
OUT
IN
CPO
OL
=
15
.•
For 2x mode, the available current is given by:
I
VV
R
OUT
IN
CPO
OL
=
2•
Notice that the advantage voltage in this case is 3.1V •
2 – 3.8V – 0.1V = 2.3V. ROL is higher in 2x mode but a
significant increase in available current is achieved.
Typical values of ROL as a function of temperature are
shown in Figures 3 and 4.
Mode Switching
The LTC3230 will automatically switch from 1x mode
to 1.5x mode and subsequently to 2x mode whenever
a dropout condition is detected at any LED pin. Dropout
occurs when a current source voltage becomes too low
for the programmed current to be supplied. The time from
dropout detection to mode switching is typically 0.5ms.
The charge pump mode is reset back to 1x when the LED
drivers are shut down (ENM = ENS = Low) or on the falling
edge of either ENM or ENS. An internal comparator will
not allow the main switches to connect VIN and CPO in
1x mode until the voltage at the CPO pin has decayed to
less than or equal to the voltage at the VIN pin.
LDO Operation
Two independent low drop-out linear regulators are in the
LTC3230. Each regulator may be independently enabled
(ENLDO1 and ENLDO2) from each other and from the
OPERATION
+
ROL
CPO
1.5VIN OR 2VIN
+
3230 F02
Figure 2. Charge Pump Thevenin Equivalent Open-Loop Circuit
ROL is dependent on a number of factors including the
switching term, 1/(2 • fOSC • CFLY), internal switch resis-
tances and the non-overlap period of the switching circuit.
However, for a given ROL, the amount of current available
will be directly proportional to the advantage voltage of


Similar Part No. - LTC3230EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3230 LINER-LTC3230 Datasheet
231Kb / 16P
   5-LED Main/Sub Display Driver with Dual LDO
LTC3230 LINER-LTC3230_15 Datasheet
231Kb / 16P
   5-LED Main/Sub Display Driver with Dual LDO
More results

Similar Description - LTC3230EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3230 LINER-LTC3230_15 Datasheet
231Kb / 16P
   5-LED Main/Sub Display Driver with Dual LDO
logo
Integrated Silicon Solu...
IS31LT3135 ISSI-IS31LT3135 Datasheet
216Kb / 6P
   MAIN/SUB DUAL-CHANNEL LED DRIVER
IS31LT3135-V1GRLS2 ISSI-IS31LT3135-V1GRLS2 Datasheet
216Kb / 6P
   MAIN/SUB DUAL-CHANNEL LED DRIVER
logo
Richtek Technology Corp...
RT9367C RICHTEK-RT9367C Datasheet
488Kb / 18P
   I2C Programmable White LED Driver with Dual LDO
logo
ON Semiconductor
LC75805PE ONSEMI-LC75805PE Datasheet
295Kb / 34P
   LCD Display Driver with LED Driver
December, 2013
logo
Micrel Semiconductor
MIC2210 MICREL-MIC2210 Datasheet
744Kb / 12P
   Dual Cap LDO with Open-Drain Driver
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com