Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3225EDDB-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3225EDDB-TRPBF
Description  150mA Supercapacitor Charger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3225EDDB-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3225EDDB-TRPBF Datasheet HTML 1Page - Linear Technology LTC3225EDDB-TRPBF Datasheet HTML 2Page - Linear Technology LTC3225EDDB-TRPBF Datasheet HTML 3Page - Linear Technology LTC3225EDDB-TRPBF Datasheet HTML 4Page - Linear Technology LTC3225EDDB-TRPBF Datasheet HTML 5Page - Linear Technology LTC3225EDDB-TRPBF Datasheet HTML 6Page - Linear Technology LTC3225EDDB-TRPBF Datasheet HTML 7Page - Linear Technology LTC3225EDDB-TRPBF Datasheet HTML 8Page - Linear Technology LTC3225EDDB-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3225
2
3225f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, COUT to GND ......................................... –0.3V to 6V
SHDN, VSEL...................................... –0.3V to VIN + 0.3V
COUT Short-Circuit Duration ............................. Indefinite
IVIN Continuous (Note 2)......................................350mA
IOUT Continuous (Note 2).....................................175mA
Operating Temperature Range (Note 3).... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
TOP VIEW
11
DDB PACKAGE
10-LEAD (3mm
2mm) PLASTIC DFN
C+
C
CX
SHDN
PGOOD
COUT
VIN
GND
PROG
VSEL
6
8
7
9
10
5
4
2
3
1
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 11) MUST BE SOLDERED TO
LOW IMPEDANCE GND PLANE (PIN 8) ON PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN-UVLO
Input Supply Undervoltage Lockout
High-to-Low Threshold
VSEL = VIN
VSEL = 0
l
l
2.65
2.4
2.75
2.5
2.85
2.6
V
V
VIN-UVLO-HYS
Input Supply Undervoltage Lockout
Hysteresis
VSEL = VIN
VSEL = 0
150
140
mV
mV
VIN
Input Voltage Range
VSEL = VIN
VSEL = 0V
l
l
3
2.8
5.5
5.5
V
V
VCOUT
Charge Termination Voltage
Sleep Mode Threshold (Rising Edge)
VSEL = VIN
VSEL = 0V
l
l
5.2
4.7
5.3
4.8
5.4
4.9
V
V
VCOUT-HYS
Output Comparator Hysteresis
100
mV
VTOP/BOT
Maximum Voltage Across Each of the
Supercapacitors After Charging
VSEL = VIN
VSEL = 0V
l
l
2.75
2.5
V
V
IQ-VIN
No Load Operating Current at VIN
IOUT = 0mA
l
20
40
μA
ISHDN-VIN
Shutdown Current
SHDN = 0V, VOUT = 0V
l
0.1
1
μA
ICOUT
COUT Leakage Current
VOUT = 5.6V, SHDN = 0V
VOUT = 5.6V, Charge Pump in Sleep Mode
VOUT = 5.6V, SHDN Connected to VIN with
Input Supply Removed
l
l
1
2
3
4
1
μA
μA
μA
IVIN
Input Charging Current
VIN = 3.6V, RPROG = 12k, CTOP = CBOT
306
mA
VIN = 3.6V, RPROG = 60k, CTOP = CBOT
55
mA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, CIN = 2.2μF, CFLY = 1μF, unless otherwise specified.
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3225EDDB#TRMPBF
LTC3225EDDB#TRPBF
LCYR
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
TRM = 500 pieces.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC3225EDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3225 LINER-LTC3225 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3225 LINER-LTC3225 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
LTC3225 LINER-LTC3225 Datasheet
274Kb / 14P
   150mA Supercapacitor Charger
logo
Analog Devices
LTC3225 AD-LTC3225 Datasheet
898Kb / 18P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
logo
Linear Technology
LTC3225-1 LINER-LTC3225-1 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
More results

Similar Description - LTC3225EDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3225 LINER-LTC3225_15 Datasheet
274Kb / 14P
   150mA Supercapacitor Charger
LTC3225-1 LINER-LTC3225-1_15 Datasheet
274Kb / 14P
   150mA Supercapacitor Charger
LTC3226 LINER-LTC3226_12 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Linear Technology
LTC3226 LINER-LTC3226_15 Datasheet
237Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
LTC3351 LINER-LTC3351 Datasheet
2Mb / 56P
   Hot Swappable Supercapacitor Charger, Backup Controller and System Monitor
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
logo
Illinois Capacitor, Inc...
304DCN2R7SCBB ILLINOISCAPACITOR-304DCN2R7SCBB Datasheet
128Kb / 1P
   Supercapacitor
306DCN2R7M ILLINOISCAPACITOR-306DCN2R7M Datasheet
128Kb / 1P
   Supercapacitor
106DER2R5SGW ILLINOISCAPACITOR-106DER2R5SGW Datasheet
120Kb / 1P
   Supercapacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com