Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPDR3257 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GPDR3257
Description  RECTIFIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPDR3257 Datasheet(HTML) 2 Page - Green Power Solutions srl

  GPDR3257 Datasheet HTML 1Page - Green Power Solutions srl GPDR3257 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTIFIER DIODE
GPDR3257
Document GPDR3257T001
Maximum surge current
d.s. cooled
0
5
10
15
20
25
30
35
1
10
100
Number of cycle current pulses [n]
Thermal Impedance (j-c)
0,000
0,002
0,004
0,006
0,008
0,010
0,012
0,014
0,016
0,018
0,001
0,01
0,1
1
10
100
Time [s]
Forward voltage drop
0
1000
2000
3000
4000
5000
6000
0,5
0,7
0,9
1,1
1,3
1,5
1,7
1,9
2,1
2,3
VF [V]
Tj=Tjmax
Current rating - sine wave
40
80
120
160
200
0
1000
2000
3000
IF [A]
180°
90°
120°
60°
30°
Power loss - sine wave
0
1000
2000
3000
4000
5000
6000
7000
0
1000
2000
3000
IF [A]
180°
120
90
°
60°
30
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
dimensions mm


Similar Part No. - GPDR3257

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPDR3257 GPSEMI-GPDR3257 Datasheet
146Kb / 2P
   RECTIFIER DIODE
GPDR3257 GPSEMI-GPDR3257_12 Datasheet
146Kb / 2P
   RECTIFIER DIODE
More results

Similar Description - GPDR3257

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com