Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3220IPF-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3220IPF-PBF
Description  360mA Universal 18-Channel LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3220IPF-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3220IPF-PBF Datasheet HTML 1Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 2Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 3Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 4Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 5Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 6Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 7Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 8Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3220/LTC3220-1
3
32201fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, DVCC = 3V, RST = high, C1 = C2 = C3 = 2.2μF, C4 = 4.7μF,
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Shutdown Current
l
3.2
7
μA
DVCC Shutdown Current
l
1μA
Universal LED Current, 6-Bit Linear DACs, ULED = 1V
Full-Scale LED Current
l
18
20
22
mA
Minimum (ILSB) LED Current Step
0.314
mA
Minimum Programmable Current
ULED Data Register Programmed to
0b00000001
0.395
mA
LED Current Matching
Any Two Outputs, 50% of FS
1.5
%
LED Dropout Voltage
ILED = FS
120
mV
Blink Rate Period
REG19, D3 and D4
1.25
2.5
Sec
Sec
ULED Up/Down Gradation Ramp Times
REG19, D1 and D2
0.24
0.48
0.96
Sec
Sec
Sec
Gradation Period
REG19, D1 and D2
0.313
0.625
1.25
0.410
0.820
1.640
Sec
Sec
Sec
VOL General Purpose Output Mode (GPO)
IOUT = 1mA, Single Output Enabled
5
mV
LED Turn-On Delay
From Stop Bit, Part Enabled
4
μs
Charge Pump (CPO)
1x Mode Output Impedance
0.6
Ω
1.5x Mode Output Impedance
VIN = 3V, VCPO = 4.2V (Note 5)
3.6
Ω
2x Mode Output Impedance
VIN = 3V, VCPO = 4.8V (Note 5)
4.1
Ω
CPO Regulation Voltage
1.5x Mode, ICPO = 20mA
2x Mode, ICPO = 20mA
4.5
5.03
V
V
Clock Frequency
l
0.65
0.85
1.05
MHz
CPO Short-Circuit Detection
Threshold Voltage
l
0.4
1.3
V
Test Current
CPO = 0V
l
10
30
mA
SDA, SCL, RST
VIL
l
0.3 • DVCC
V
VIH
l 0.7 • DVCC
V
IIH
SDA, SCL, RST = DVCC
l
–1
1
μA
IIL
SDA, SCL, RST = 0V
l
–1
1
μA
VOL
Digital Output Low (SDA)
IPULLUP = 3mA
l
0.12
0.4
V
RST Timing
Reset Pulse Duration
10
ns
Serial Port Timing (Notes 6, 7)
fSCL
Clock Operating Frequency
400
kHz
tBUF
Bus Free Time Between Stop and Start
Condition
1.3
μs
tHD,STA
Hold Time After (Repeated) Start Condition
0.6
μs
tSU,STA
Repeated Start Condition Setup Time
0.6
μs
tSU,STO
Stop Condition Setup Time
0.6
μs


Similar Part No. - LTC3220IPF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220IPF-PBF LINER-LTC3220IPF-PBF Datasheet
216Kb / 20P
   360mA Universal 18-Channel LED Driver
More results

Similar Description - LTC3220IPF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220 LINER-LTC3220_1 Datasheet
216Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220-1 LINER-LTC3220-1_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
logo
AIMTEC
AMEPR16-4229Z AIMTEC-AMEPR16-4229Z Datasheet
558Kb / 6P
   up to 360mA | AC-DC LED driver
logo
Sanyo Semicon Device
LV5235V SANYO-LV5235V Datasheet
360Kb / 29P
   18-channel LED Driver
logo
ON Semiconductor
LV5235V ONSEMI-LV5235V Datasheet
426Kb / 32P
   18-channel LED Driver
March, 2014
logo
Linear Technology
LTC3219 LINER-LTC3219 Datasheet
219Kb / 20P
   250mA Universal Nine Channel LED Driver
LTC3219 LINER-LTC3219_15 Datasheet
213Kb / 20P
   250mA Universal Nine Channel LED Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
   Universal High Voltage Single Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com