Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3220-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3220-1
Description  360mA Universal 18-Channel LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3220-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC3220-1 Datasheet HTML 1Page - Linear Technology LTC3220-1 Datasheet HTML 2Page - Linear Technology LTC3220-1 Datasheet HTML 3Page - Linear Technology LTC3220-1 Datasheet HTML 4Page - Linear Technology LTC3220-1 Datasheet HTML 5Page - Linear Technology LTC3220-1 Datasheet HTML 6Page - Linear Technology LTC3220-1 Datasheet HTML 7Page - Linear Technology LTC3220-1 Datasheet HTML 8Page - Linear Technology LTC3220-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3220/LTC3220-1
5
32201fb
1x Mode Switch Resistance
vs Temperature
1.5x Mode Charge Pump Open-Loop
Output Resistance vs Temperature
1.5x Mode CPO Voltage vs ICPO
2x Mode Charge Pump Open-Loop
Output Resistance vs Temperature
2x Mode CPO Voltage vs ICPO
Oscillator Frequency
vs VIN Voltage
VIN Shutdown Current
vs VIN Voltage
DVCC Current vs DVCC Voltage
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise noted.
TEMPERATURE (°C)
–40
0.45
0.50
0.55
5
125
3220 G04
0.40
0.35
0.30
–25 –10
20 35 50 65 80 95 110
0.60
0.65
0.70
0.75
0.80
VIN = 3.3V
VIN = 3.9V
VIN = 3.6V
TEMPERATURE (°C)
–40
2.5
2.7
2.9
3.1
3.3
3.5
3.9
4.1
4.3
4.5
–25 –10 5
65
20 35 50
80 95 110
3220 G05
125
ICPO (mA)
0
3.6
3.8
4.0
4.2
4.4
4.8
3V
3.1V
3.3V
3.4V
3.6V
60
120
180
240
3220 G06
300
360
4.6
3.2V
3.5V
TEMPERATURE (°C)
–40
3.9
4.1
4.3
4.5
4.7
4.9
95
3220 G07
3.7
3.5
–25 –10
35
20
5
50 65 80
110 125
3.3
3.1
2.9
ICPO (mA)
0
4.2
4.4
4.6
4.8
60
120
180
240
3220 G08
300
5.0
5.2
4.3
4.5
4.7
3V
4.9
5.1
360
3.1V
3.2V
3.3V-3.6V
VIN VOLTAGE (V)
2.9
770
780
790
5.5
3220 G09
760
750
730
3.55
4.2
4.85
740
810
TA = 25°C
TA = 125°C
TA = –45°C
TA = 85°C
800
VOLTAGE (V)
2.9
1.5
2.5
3.5
4.5
5.5
6.5
7.5
3.55
4.2
4.85
5.5
3220 G10
TA = 25°C
TA = 125°C
TA = 85°C
TA = –40°C
1x Mode No Load VIN Current
vs VIN Voltage
DVCC VOLTAGE (V)
1.5
0
0.5
1.0
1.5
2.0
2.5
3.0
2.5
3.5
4.5
5.5
3220 G11
RST = SDA = DVCC
fSCL = 400kHz
fSCL = 10kHz
fSCL = 100kHz
VIN VOLTAGE (V)
2.9
580
585
590
595
600
605
610
3.55
4.2
4.85
5.5
3220 G12


Similar Part No. - LTC3220-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220-1 LINER-LTC3220-1 Datasheet
216Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220-1 LINER-LTC3220-1_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
More results

Similar Description - LTC3220-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220 LINER-LTC3220_1 Datasheet
216Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220-1 LINER-LTC3220-1_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
logo
AIMTEC
AMEPR16-4229Z AIMTEC-AMEPR16-4229Z Datasheet
558Kb / 6P
   up to 360mA | AC-DC LED driver
logo
Sanyo Semicon Device
LV5235V SANYO-LV5235V Datasheet
360Kb / 29P
   18-channel LED Driver
logo
ON Semiconductor
LV5235V ONSEMI-LV5235V Datasheet
426Kb / 32P
   18-channel LED Driver
March, 2014
logo
Linear Technology
LTC3219 LINER-LTC3219 Datasheet
219Kb / 20P
   250mA Universal Nine Channel LED Driver
LTC3219 LINER-LTC3219_15 Datasheet
213Kb / 20P
   250mA Universal Nine Channel LED Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
   Universal High Voltage Single Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com