Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3219EUD-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3219EUD-TRPBF
Description  250mA Universal Nine Channel LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3219EUD-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3219EUD-TRPBF Datasheet HTML 5Page - Linear Technology LTC3219EUD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3219EUD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3219EUD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3219EUD-TRPBF Datasheet HTML 9Page - Linear Technology LTC3219EUD-TRPBF Datasheet HTML 10Page - Linear Technology LTC3219EUD-TRPBF Datasheet HTML 11Page - Linear Technology LTC3219EUD-TRPBF Datasheet HTML 12Page - Linear Technology LTC3219EUD-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3219
9
3219fa
Mode Switching
The LTC3219 will automatically switch from 1x mode to 1.5x
mode and subsequently to 2x mode whenever a dropout
condition is detected at an LED pin. Dropout occurs when
an active current source voltage becomes too low for the
programmed current to be supplied. The mode change will
not occur unless dropout has existed for approximately
400μs. This delay will allow the LEDs to warm up and
achieve the final LED forward voltage value.
The mode will automatically switch back to 1x whenever
a register is updated via the I2C port, when gradation
completes ramping down, on the falling edge of ENU, and
after each blink period.
The part can be forced to operate in 1x, 1.5x or 2x mode
by writing the appropriate bits into REG0. This feature may
be used for powering loads from CPO. Automatic mode
switching is diabled.
Non-programmed current sources do not affect dropout.
In addition, ENU controlled current sources do not affect
dropout when ENU is low.
Universal Current Sources (ULED1 to ULED9)
There are nine universal 28mA current sources. Each cur-
rent source has a 6-bit linear DAC for current control. The
output current range is 0 to full-scale in 64 steps.
Each current source is disabled when an all zero data word
is written. The supply current for that source is reduced
to zero. Connect unused outputs to ground.
ULED1 to ULED9 can also be used as general purpose
outputs (GPO). GPO outputs can be used as I2C controlled
open-drain drivers. The GPO mode is selected by program-
ming REG1 to REG9, Bit 6 and Bit 7 to a logic one. In the
GPO mode dropout detection is disabled, output swings
to ground will not cause mode switching.
OPERATION
Blinking
Each universal output (ULED1 to ULED9) can be set to
blink on for 0.156s or 0.625s with a period of 1.25s or
2.5s via the I2C port. The blinking rate is selected via
REG11 and ULED outputs are selected via REG1 to REG9.
Blinking and gradation rates are independent. Blink resets
the charge pump to 1x mode after each period. Please
refer to Application Note 111 for detailed information and
programming examples on blinking.
Gradation
Universal LED outputs ULED1 to ULED9 can be set to have
the current ramp up and down at 0.24s, 0.48s and 0.96s
rates via the I2C port. Each of these outputs can have either
blinking or gradation enabled. The gradation time is set
via REG11 and ULED outputs are selected via REG1 to
REG9. The ramp direction is controlled via REG0. Setting
the UP bit high causes gradation to ramp up, setting this
bit to a low causes gradation to ramp down.
When gradation is disabled the LED output current re-
mains at the programmed value. The gradation enable
bit must be cleared when the gradation timer is disabled.
The charge pump mode is reset to 1x after gradation
completes ramping down.
Please refer to Application Note 111 for detailed informa-
tion and examples on programming gradation.
External Enable Control (ENU)
The ENU pin can be used to enable or disable the LTC3219
without re-accessing the I2C port. This might be useful
to indicate an incoming phone call without waking the
micro-controller. ENU can be programmed to indepen-
dently control all pre-selected displays. LED displays are
controlled with ENU by setting the appropriate data bits in
REG1 to REG9 and control bits in REG10 and REG11.


Similar Part No. - LTC3219EUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3219 LINER-LTC3219_15 Datasheet
213Kb / 20P
   250mA Universal Nine Channel LED Driver
More results

Similar Description - LTC3219EUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3219 LINER-LTC3219_15 Datasheet
213Kb / 20P
   250mA Universal Nine Channel LED Driver
logo
Diodes Incorporated
AL5873 DIODES-AL5873 Datasheet
1Mb / 16P
   55V/250mA THREE-CHANNEL LINEAR LED DRIVER
Rev. 1 - 2 March 2022
AL5873Q DIODES-AL5873Q Datasheet
855Kb / 16P
   55V/250mA THREE-CHANNEL LINEAR LED DRIVER
Rev. 2 - 2 February 2021
logo
Linear Technology
LTC3220 LINER-LTC3220_1 Datasheet
216Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220-1 LINER-LTC3220-1_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220 Datasheet
213Kb / 20P
   360mA Universal 18-Channel LED Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
Texas Instruments
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
   Universal High Voltage Single Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com