Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3210EUD-1-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3210EUD-1-PBF
Description  MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm3mm QFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210EUD-1-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3210EUD-1-PBF Datasheet HTML 2Page - Linear Technology LTC3210EUD-1-PBF Datasheet HTML 3Page - Linear Technology LTC3210EUD-1-PBF Datasheet HTML 4Page - Linear Technology LTC3210EUD-1-PBF Datasheet HTML 5Page - Linear Technology LTC3210EUD-1-PBF Datasheet HTML 6Page - Linear Technology LTC3210EUD-1-PBF Datasheet HTML 7Page - Linear Technology LTC3210EUD-1-PBF Datasheet HTML 8Page - Linear Technology LTC3210EUD-1-PBF Datasheet HTML 9Page - Linear Technology LTC3210EUD-1-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3210-1
6
32101fc
VBAT (V)
2.9
0
10
30
40
50
3.8 3.95 4.1 4.25
90
32101 G21
20
3.05 3.2 3.35 3.5 3.65
4.4
60
70
80
300mA LED CURRENT
(TYP VF AT 300mA = 3.1V, AOT-2015HPW
TA = 25°C
NUMBER OF ENM STROBE PULSES
0
0
2
6
8
10
20
14
50
36
29
32101 G20
4
16
18
12
57
43
22
15
8
1
VBAT = 3.6V
RM = 33.2k
NUMBER OF ENC STROBE PULSES
32101 G19
200
100
50
0
400
300
350
250
150
06
4
3
7
5
2
1
VBAT = 3.6V
RC = 24.3k
CLED Current
vs ENC Strobe Pulses
MLED Current
vs ENM Strobe Pulses
Efficiency vs VBAT Voltage
TA = 25°C unless otherwise stated.
MLED Pin Current
vs MLED Pin Voltage
MLED PIN VOLTAGE (V)
0.00
6
18
20
22
0.04
0.08
0.12
32101 G18
2
14
10
4
16
0
12
8
0.02
0.06
0.16
0.20
0.10
0.14
0.18
VBAT = 3.6V
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC3210EUD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
More results

Similar Description - LTC3210EUD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210-1 LINER-LTC3210-1_15 Datasheet
1Mb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 3mm QFN
LTC3210-2 LINER-LTC3210-2 Datasheet
214Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm 횞 3mm QFN
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210-3 LINER-LTC3210-3_15 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
LTC3210-2 LINER-LTC3210-2_15 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com