Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3207EUF-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3207EUF-TRPBF
Description  600mA Universal Multi-Output LED/CAM Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3207EUF-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3207EUF-TRPBF Datasheet HTML 1Page - Linear Technology LTC3207EUF-TRPBF Datasheet HTML 2Page - Linear Technology LTC3207EUF-TRPBF Datasheet HTML 3Page - Linear Technology LTC3207EUF-TRPBF Datasheet HTML 4Page - Linear Technology LTC3207EUF-TRPBF Datasheet HTML 5Page - Linear Technology LTC3207EUF-TRPBF Datasheet HTML 6Page - Linear Technology LTC3207EUF-TRPBF Datasheet HTML 7Page - Linear Technology LTC3207EUF-TRPBF Datasheet HTML 8Page - Linear Technology LTC3207EUF-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3207/LTC3207-1
3
3207fc
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LED Current Matching
Any Two Outputs, 50% of FS
2
%
LED Dropout Voltage
ILED = FS
180
mV
Blink Rate Period
REG15, D6 and D7
1.25
2.5
s
s
ULED Up/Down Gradation Times
REG15, D4 and D5
0.24
0.48
0.96
0.45
0.9
1.8
s
s
s
s
s
s
VOL General Purpose Output Mode (GPO)
IOUT = 1mA, Single Output Enabled
7
mV
CAM LED Current, 4-Bit Linear DAC, CAM = 1V
Full-Scale LED Current
425
mA
Minimum (1LSB) LED Current
29
mA
LED Dropout Voltage
ILED = FS
450
mV
High Current Safety Timer
High Current Mode
2.1
s
Charge Pump (CPO)
1x Mode Output Impedance
0.6
Ω
1.5x Mode Output Impedance
VBAT = 3V, VCPO = 4.2V (Note 5)
3.6
Ω
2x Mode Output Impedance
VBAT = 3V, VCPO = 4.8V (Note 5)
4.1
Ω
CPO Regulation Voltage
1.5x Mode, ICPO = 20mA
2x Mode, ICPO = 20mA
4.55
5.05
V
V
CLOCK Frequency
0.65
0.85
1.05
MHz
SDA, SCL, ENU, CAMHL
VIL
0.3 • DVCC
V
VIH
0.7 • DVCC
V
IIH
SDA, SCL, ENU, CAMHL = DVCC
–1
1
µA
IIL
SDA, SCL, ENU, CAMHL = 0V
–1
1
µA
VOL
Digital Output Low (SDA)
IPULLUP = 3mA
0.12
0.4
V
Serial Port Timing (Notes 6, 7)
tSCL
Clock Operating Frequency
400
kHz
tBUF
Bus Free Time Between Stop and Start Condition
1.3
µs
tHD,STA
Hold Time After (Repeated) Start Condition
0.6
µs
tSU,STA
Repeated Start Condition Setup Time
0.6
µs
tSU,STO
Stop Condition Setup Time
0.6
µs
tHD,DAT(OUT)
Output Data Hold Time
0
900
ns
tHD,DAT(IN)
Input Data Hold Time
0
ns
tSU,DAT
Data Setup Time
100
ns
tLOW
Clock Low Period
1.3
µs
tHIGH
Clock High Period
0.6
µs
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBAT = 3.6V, DVCC = 3V, ENU = Hi, CAMHL = LO, C1 = C2 = C3 = 2.2µF,
C4 = 4.7µF, unless otherwise noted.


Similar Part No. - LTC3207EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3207-1 LINER-LTC3207-1_15 Datasheet
249Kb / 20P
   600mA Universal Multi-Output LED/CAM Driver
LTC3207 LINER-LTC3207_15 Datasheet
249Kb / 20P
   600mA Universal Multi-Output LED/CAM Driver
More results

Similar Description - LTC3207EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3207-1 LINER-LTC3207-1_15 Datasheet
249Kb / 20P
   600mA Universal Multi-Output LED/CAM Driver
LTC3207 LINER-LTC3207_15 Datasheet
249Kb / 20P
   600mA Universal Multi-Output LED/CAM Driver
logo
National Semiconductor ...
LP8501 NSC-LP8501 Datasheet
120Kb / 2P
   Multi-Purpose 9-Output LED Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
Texas Instruments
LP8501 TI1-LP8501 Datasheet
2Mb / 51P
[Old version datasheet]   LP8501 Multi-Purpose 9-Output LED Driver
LP8501 TI1-LP8501_14 Datasheet
647Kb / 8P
[Old version datasheet]   PRODUCT BRIEF Multi-Purpose 9-Output LED Driver
logo
IC-Haus GmbH
IC-DX ICHAUS-IC-DX Datasheet
417Kb / 9P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX ICHAUS-IC-DX_14 Datasheet
407Kb / 9P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX ICHAUS-IC-DX_11 Datasheet
456Kb / 10P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX3 ICHAUS-IC-DX3 Datasheet
417Kb / 11P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com