Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3025IDC-3-TR Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3025IDC-3-TR
Description  500mA Micropower VLDO Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025IDC-3-TR Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3025IDC-3-TR Datasheet HTML 3Page - Linear Technology LTC3025IDC-3-TR Datasheet HTML 4Page - Linear Technology LTC3025IDC-3-TR Datasheet HTML 5Page - Linear Technology LTC3025IDC-3-TR Datasheet HTML 6Page - Linear Technology LTC3025IDC-3-TR Datasheet HTML 7Page - Linear Technology LTC3025IDC-3-TR Datasheet HTML 8Page - Linear Technology LTC3025IDC-3-TR Datasheet HTML 9Page - Linear Technology LTC3025IDC-3-TR Datasheet HTML 10Page - Linear Technology LTC3025IDC-3-TR Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC3025-1/LTC3025-2/
LTC3025-3/LTC3025-4
7
30251234fc
BLOCK DIAGRAM
3
1
6
2
4
5
IN
OUT
6μA
ADJ
GND
SHDN
BIAS
REFERENCE
SHDN
0.4V
SOFT-START
+
3
1
6
2
4
5
IN
OUT
6μA
30251234 BD
SENSE
GND
SHDN
BIAS
REFERENCE
SHDN
0.4V
SOFT-START
+
R1
40k
R2
80k (LTC3025-2)
110k (LTC3025-3)
140k (LTC3025-4)
LTC3025-1
LTC3025-2, LTC3025-3, LTC3025-4
Operation (Refer to Block Diagram)
The LTC3025-X is a micropower, VLDO (very low dropout)
linear regulator which operates from input voltages as low
as 0.9V. The device provides a highly accurate output that
is capable of supplying 500mA of output current with a
typical dropout voltage of only 85mV. A single ceramic
capacitor as small as 1μF is all that is required for output
bypassing. A low reference voltage allows the LTC3025-1
output to be programmed to much lower voltages than
available in common LDOs (range of 0.4V to 3. 6V). The
LTC3025-2/LTC3025-3/LTC3025-4 have fixed outputs of
1.2V, 1.5V and 1.8V respectively, eliminating the need for
an external resistor divider.
As shown in the Block Diagram, the BIAS input supplies
the internal reference and LDO circuitry while all output
current comes directly from the IN input for high efficiency
regulation. The low quiescent supply currents IIN = 4μA,
IBIAS = 50μA drop to IIN = 1μA, IBIAS = 0.01μA typical in
shutdown making the LTC3025-X an ideal choice for use
in battery-powered systems.
The device includes current limit and thermal overload
protection. The fast transient response of the follower
output stage overcomes the traditional tradeoff between
dropout voltage, quiescent current and load transient
response inherent in most LDO regulator architectures.
The LTC3025-X also includes overshoot detection circuitry
which brings the output back into regulation when going
from heavy to light output loads (see Figure 1).
Figure 1. LTC3025-X Transient Response
300mA
0mA
IOUT
VOUT
AC
20mV/DIV
VIN = 1.5V
VOUT = 1.2V
VBIAS = 3.6V
COUT = 1μF
100μs/DIV
30251234 F01
Adjustable Output Voltage (LTC3025-1)
The output voltage is set by the ratio of two external resis-
tors as shown in Figure 2. The device servos the output
to maintain the ADJ pin voltage at 0.4V (referenced to
ground). Thus, the current in R1 is equal to 0.4V/R1. For
good transient response, stability, and accuracy, the current
APPLICATIONS INFORMATION
Figure 2. Programming the LTC3025-1
()
OUT
R1
R2
30251234 F02
COUT
R2
R1
VOUT = 0.4V 1 +
ADJ
GND


Similar Part No. - LTC3025IDC-3-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025IDC-PBF LINER-LTC3025IDC-PBF Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
LTC3025IDC-TR LINER-LTC3025IDC-TR Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
LTC3025IDC-TRPBF LINER-LTC3025IDC-TRPBF Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
More results

Similar Description - LTC3025IDC-3-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_1 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
UM1770 UNIONSEMI-UM1770 Datasheet
847Kb / 13P
   500mA, Micropower, VLDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
   500mA, Micropower, VLDO Linear Regulator
VER 1.2
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com