Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3025IDC-TR Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3025IDC-TR
Description  300mA Micropower VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025IDC-TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3025IDC-TR Datasheet HTML 4Page - Linear Technology LTC3025IDC-TR Datasheet HTML 5Page - Linear Technology LTC3025IDC-TR Datasheet HTML 6Page - Linear Technology LTC3025IDC-TR Datasheet HTML 7Page - Linear Technology LTC3025IDC-TR Datasheet HTML 8Page - Linear Technology LTC3025IDC-TR Datasheet HTML 9Page - Linear Technology LTC3025IDC-TR Datasheet HTML 10Page - Linear Technology LTC3025IDC-TR Datasheet HTML 11Page - Linear Technology LTC3025IDC-TR Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC3025
11
3025fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
DC Package
6-Lead Plastic DFN (2mm
× 2mm)
(Reference LTC DWG # 05-08-1703)
2.00 0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WCCD-2)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.38
0.05
BOTTOM VIEW—EXPOSED PAD
0.56
0.05
(2 SIDES)
0.75 0.05
R = 0.115
TYP
1.37 0.05
(2 SIDES)
1
3
6
4
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DC6) DFN 1103
0.25
0.05
1.42 0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
0.61 0.05
(2 SIDES)
1.15 0.05
0.675 0.05
2.50 0.05
PACKAGE
OUTLINE
0.25
0.05
0.50 BSC
0.50 BSC
PIN 1
CHAMFER OF
EXPOSED PAD


Similar Part No. - LTC3025IDC-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025IDC-1 LINER-LTC3025IDC-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025IDC-1-PBF LINER-LTC3025IDC-1-PBF Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025IDC-1-TR LINER-LTC3025IDC-1-TR Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025IDC-1-TRPBF LINER-LTC3025IDC-1-TRPBF Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025IDC-2 LINER-LTC3025IDC-2 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
More results

Similar Description - LTC3025IDC-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com