Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3100EUD-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3100EUD-PBF
Description  1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3100EUD-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3100EUD-PBF Datasheet HTML 7Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 8Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 9Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 10Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 11Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 12Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 13Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 14Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC3100
11
3100fa
BLOCK DIAGRAM
3100 BD
THERMAL
SHUTDOWN
+
+
+
MODE
CONTROL
1.5MHz
OSC
GATE
CONTROL
VREF
VREF_GD
WELL
SWITCH
WELL
SWITCH
START-UP
START_OSC
CLK
TSD
VBEST
VBEST
GATE
DRIVERS
AND
ANTI-CROSS
CONDUCTION
GATE
DRIVERS
AND
ANTI-CROSS
CONDUCTION
SHUTDOWN
LOGIC
LOGIC
LOGIC
SHUTDOWN
CIN
4.7μF
4M
CIN
2.2μF
VBATT1, 0.65V TO 5V
4M
4M
COUT
10μF
VBOOST, 1.5V TO 5.25V
R2
R1
COUT
4.7μF
L1
3.3μH
L1, 3.3μH
VBUCK
0.6V TO 5V
IZERO
COMPARATOR
IZERO
COMPARATOR
IZERO
ILIM
ISET
R6
FBBST
PGBST
VLDO
VBEST OF 3
VBST
VREF_GD
BURST
VINBK
VSEL
PAD
FBLDO
100mA
0.15Ω
0.6V
RUNLDO
FROM VBST, VBATT1
OR VBATT2
VINBK
SWBK
FBBK
VINBST
VREF
SWBST
VBST
0.55V
GND
PGND
0.6V
VB
1.2V
FB
IPK
SLOPE
COMPARATOR
IPK
COMPARATOR
IPK
COMPARATOR
ILIM REF
ISENSE
ISENSE
WAKE
SOFT-START
ERROR
AMPLIFIER
R5
COUT
1μF
VLDO
0.6V TO 5V
R4
R3
8
6
13
14
16
1
2
12
15
3
11
10
5
4
9
7
OFF ON
OFF ON
OFF ON
RUNBST
ERROR
AMPLIFIER
ERROR
AMPLIFIER/
SLEEP
COMPARATOR
TSD
1.1V
MODE
SLOPE
COMPARATOR
CLK
TSD
RUNLDO
RUNBK
PWM
PGBK
UVLO
SHUTDOWN
SHUTDOWN
LEVEL
SHIFT
CLAMP
VBST
1M


Similar Part No. - LTC3100EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3100 LINER-LTC3100_15 Datasheet
409Kb / 26P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
More results

Similar Description - LTC3100EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3100 LINER-LTC3100_15 Datasheet
409Kb / 26P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
logo
Princeton Technology Co...
RS8017 PTC-RS8017 Datasheet
260Kb / 4P
   Dual Channel 1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
Linear Technology
LTC3537 LINER-LTC3537 Datasheet
302Kb / 20P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
LTC3537 LINER-LTC3537_15 Datasheet
319Kb / 22P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
   DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
   1.5MHz Synchronous Step-down DC-DC Converter
logo
Semtech Corporation
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_07 Datasheet
276Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com