Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3100EUD-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3100EUD-PBF
Description  1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3100EUD-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3100EUD-PBF Datasheet HTML 6Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 7Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 8Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 9Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 10Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 11Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 12Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 13Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC3100
10
3100fa
PIN FUNCTIONS
FBLDO (Pin 11): Feedback Input to the gm Error Amplifier
for the LDO Regulator. Connect the resistor divider tap to
this pin. The output voltage can be adjusted from 0.6V
to 5.25V by:
VV
R
R
OUT LDO
_
.•
=+
⎝⎜
⎠⎟
0 600
1
4
3
FBBST (Pin 12): Feedback Input to the gm Error Amplifier
for the Boost Converter. Connect the resistor divider tap
to this pin. The output voltage can be adjusted from 1.5V
to 5.25V by:
VV
R
R
OUT BOOST
_
.•
=+
⎝⎜
⎠⎟
120
1
2
1
MODE (Pin 13): Logic-Controlled Mode Select Pin for
Both the Boost and Buck Converters. There is an internal
1MΩ pull-up on this pin to the higher of VINBST, VBST or
VINBK.
MODE = Float or High: Enables Burst Mode operation for
both the boost and the buck.
MODE = Low: Disables Burst Mode operation. Both con-
verters will operate in fixed frequency mode regardless
of load current.
RUNBST (Pin 14): Logic-Controlled Shutdown Input for
the Boost Converter. There is an internal 4MΩ pull-down
on this pin.
RUNBST = High: Normal operation
RUNBST = Low: Shutdown
PGBST (Pin 15): Open-Drain Output That Pulls to Ground
When FBBST Is More Than 8% Below Its Regulated Volt-
age. Connect a pull-up resistor from this pin to a positive
supply less than 6V.
VINBST (Pin 16): Input Voltage for the Boost Converter.
Connect a minimum of 1μF ceramic decoupling capacitor
from this pin to ground.
Exposed Pad (Pin 17): The Exposed Pad must be soldered
to the PCB ground plane. It serves as the power ground
connection, and as a means of conducting heat away
from the die.


Similar Part No. - LTC3100EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3100 LINER-LTC3100_15 Datasheet
409Kb / 26P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
More results

Similar Description - LTC3100EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3100 LINER-LTC3100_15 Datasheet
409Kb / 26P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
logo
Princeton Technology Co...
RS8017 PTC-RS8017 Datasheet
260Kb / 4P
   Dual Channel 1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
Linear Technology
LTC3537 LINER-LTC3537 Datasheet
302Kb / 20P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
LTC3537 LINER-LTC3537_15 Datasheet
319Kb / 22P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
   DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
   1.5MHz Synchronous Step-down DC-DC Converter
logo
Semtech Corporation
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_07 Datasheet
276Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com